Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT245RL-2000 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT245RL-2000
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245RL-2000 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT245RL-2000 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT245RL-2000 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
11
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
Pin No.
Name
Type
Description
1
VCCIO
PWR
+1.8V to +5.25V supply for the FIFO Interface group pins (2, 3, 6,7,8,9,10 11, 21,
22, 30,31,32). In USB bus powered designs connect this pin to 3V3OUT to drive out
at +3.3V levels, or connect to VCC to drive out at +5V CMOS level. This pin can also
be supplied with an external +1.8V to +2.8V supply in order to drive out at lower
levels. It should be noted that in this case this supply should originate from the
same source as the supply to VCC. This means that in bus powered designs a
regulator which is supplied by the +5V on the USB bus should be used.
4, 17,
20
GND
PWR
Device ground supply pins.
16
3V3OUT
Output
+3.3V output from integrated LDO regulator. This pin should be decoupled to
ground using a 100nF capacitor. The purpose of this output is to provide the
internal +3.3V supply to the USB transceiver cell and the internal 1.5kΩ pull up
resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if
required. This pin can also be used to supply the VCCIO pin.
19
VCC
PWR
+3.3V to +5.25V supply to the device core. (see Note 1).
24
AGND
PWR
Device analogue ground supply for internal clock multiplier.
Table 3.6 Power and Ground Group
Pin No.
Name
Type
Description
5, 12,
13, 23,
25, 29
NC
NC
No internal connection. Do not connect.
18
RESET#
Input
Active low reset. Can be used by an external device to reset the FT245R. If
not required can be left unconnected, or pulled up to VCC.
26
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal
operation, otherwise the device will appear to fail.
27
OSCI
Input
Input 12MHz Oscillator Cell. Optional – Can be left unconnected for normal
operation. (see Note 2).
28
OSCO
Output
Output from 12MHZ Oscillator Cell. Optional – Can be left unconnected for
normal operation if internal Oscillator is used. (see Note 2).
Table 3.7 Miscellaneous Signal Group
Pin
No.
Name
Type
Description
30
D0
I/O
FIFO Data Bus Bit 0
31
D4
I/O
FIFO Data Bus Bit 4
32
D2
I/O
FIFO Data Bus Bit 2
2
D1
I/O
FIFO Data Bus Bit 1
3
D7
I/O
FIFO Data Bus Bit 7


Similar Part No. - FT245RL-2000

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
   FT245R USB FIFO IC
More results

Similar Description - FT245RL-2000

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT8U245AM FTDI-FT8U245AM Datasheet
46Kb / 15P
   USB FIFO - Fast Parallel Data Transfer IC
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
   FT245R USB FIFO IC
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
   FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
   Single chip USB to asynchronous serial data transfer interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com