Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F315RWBPMC-GSE2 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB96F315RWBPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F315RWBPMC-GSE2 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB96F315RWBPMC-GSE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F315RWBPMC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB96310 Series
DS07-13808-2E
5
■ PRODUCT LINEUP
Features
MB96V300C
MB96(F)31x
Product type
Evaluation sample
Flash product: MB96F31x
Mask ROM product: MB9631x
Product options
YS
NA
Low voltage reset persistently on / Single clock devices
RS
Low voltage reset can be disabled / Single clock devices
YW
Low voltage reset persistently on / Dual clock devices
RW
Low voltage reset can be disabled / Dual clock devices
AS
No CAN / Low voltage reset can be disabled / Single clock devices
AW
No CAN / Low voltage reset can be disabled / Dual clock devices
Flash/
ROM
RAM
96KB
8KB
ROM/Flash
memory emulation
by external RAM,
92KB internal RAM
MB96F313Y, MB96F313R, MB96F313A
160KB
8KB
MB96F315Y, MB96F315R, MB96F315A
Package
BGA416
FPT-48P-M26
DMA
16 channels
4 channels
USART
10 channels
3 channels
A/D Converter
40 channels
12 channels
A/D Converter Reference
Voltage switch
yes
No
16-bit Reload Timer
6 channels + 1
channel (for PPG)
4 channels + 1 channel (for PPG)
16-bit Free-Running
Timer
4 channels
4 channels (without external clock input pin)
16-bit Output Compare
12 channels
2 channels
16-bit Input Capture
12 channels
4 channels (plus 3 channels for LIN USART)
16-bit Programmable
Pulse Generator
20 channels
14 channels
CAN Interface
5 channels
1 channel
External Interrupts
16 channels
11 channels
Non-Maskable Interrupt
1 channel
Real Time Clock
1
I/O Ports
136
34 for part number with suffix "W", 36 for part number with suffix "S"


Similar Part No. - MB96F315RWBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F315RWBPMC-GSE2 CYPRESS-MB96F315RWBPMC-GSE2 Datasheet
13Mb / 82P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results

Similar Description - MB96F315RWBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com