Electronic Components Datasheet Search |
|
MB96V300BRB-ES Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB96V300BRB-ES Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 96 page MB96390 Series 2 FME-MB96390 rev 3 ■ FEATURES Feature Description Technology • 0.18 µm CMOS CPU •F2MC-16FX CPU • Up to 40 MHz internal, 25 ns instruction cycle time • Optimized instruction set for controller applications (bit, byte, word and long-word data types; 23 different addressing modes; barrel shift; variety of pointers) • 8-byte instruction execution queue • Signed multiply (16-bit × 16-bit) and divide (32-bit/16-bit) instructions available System clock • On-chip PLL clock multiplier (x1 - x25, x1 when PLL stop) • 3 MHz - 16 MHz external crystal oscillator clock (maximum frequency when using ceramic resonator depends on Q-factor). • Up to 40 MHz external clock • 32-100 kHz subsystem quartz clock • 100kHz/2MHz internal RC clock for quick and safe startup, oscillator stop detection, watchdog • Clock source selectable from main- and subclock oscillator (part number suffix “W”) and on-chip RC oscillator, independently for CPU and 2 clock domains of peripherals. • Low Power Consumption - 13 operating modes : (different Run, Sleep, Timer modes, Stop mode) • Clock modulator On-chip voltage regula- tor • Internal voltage regulator supports reduced internal MCU voltage, offering low EMI and low power consumption figures Low voltage reset • Reset is generated when supply voltage is below minimum. Code Security • Protects ROM content from unintended read-out Memory Patch Function • Replaces ROM content • Can also be used to implement embedded debug support Interrupts • Fast Interrupt processing • 8 programmable priority levels • Non-Maskable Interrupt (NMI) Timers • Three independent clock timers (23-bit RC clock timer, 23-bit Main clock timer, 17-bit Sub clock timer) • Watchdog Timer |
Similar Part No. - MB96V300BRB-ES |
|
Similar Description - MB96V300BRB-ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |