Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTL-232R-3V3-AJ Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # TTL-232R-3V3-AJ
Description  TTL TO USB SERIAL CONVERTER RANGE OF CABLES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232R-3V3-AJ Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button TTL-232R-3V3-AJ Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 9Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 10Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 11Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 12Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 13Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 14Page - Future Technology Devices International Ltd. TTL-232R-3V3-AJ Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.02
Clearance No.: FTDI# 53
4 TTL-232R-5V and TTL-232R-3V3 Cables
The TTL-232R-5V and TTL-232R-3V3 cables are both terminated by a 6 way, 0.1”, Single-In-Line (SIL)
connector. The difference between the two cables is that the TTL-232R-5V operates at +5V levels (signals
and power supply) and the TTL-232R-3V3 operates at +3.3V levels (signals only, VCC= +5V).
4.1 TTL-232R-5V, TTL-232R-3V3 Connector Pin Out and Mechanical details
GND
CTS#
VCC
TXD
RXD
RTS#
1
2
3
4
5
6
CABLE 1.8m
VCC
1
2
3
4
5
6
6 pin header
0.1in pitch
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
Figure 4.1 TTL-232R-5V and TTL-232R-3V3, 6 Way Header Pin Out
The mechanical details of the 6 way connector are shown in the following diagram
A
B
C
D
Pin 1
E
Dimensions (mm)
2.54 +/- 0.05
A
12.70 +/- 0.2
B
C
14.0 +/- 0.2
D
2.54 +/- 0.05
E
15.24 +/- 0.2
Figure 4.2 TTL-232R-5V TTL-232R-3V3, 6 Way Header Mechanical Details
4.2 TTL-232R-5V and TTL-232R-3V3 Cable Signal Descriptions
Header Pin
Number
Name
Type
Colour
Description
1
GND
GND
Black
Device ground supply pin.
2
CTS#
Input
Brown
Clear to Send Control input / Handshake signal.
3
VCC
Output
Red
+5V output,


Similar Part No. - TTL-232R-3V3-AJ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R-3V3-AJ FTDI-TTL-232R-3V3-AJ Datasheet
561Kb / 26P
   TTL to USB Serial Converter Range of Cables
More results

Similar Description - TTL-232R-3V3-AJ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
   TTL to USB Serial Converter Range of Cables
USB-RS232-WE FTDI-USB-RS232-WE Datasheet
368Kb / 15P
   Serial Converter Range of Cables
FT_000077 FTDI-FT_000077 Datasheet
368Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
2010
RS232 FTDI-RS232 Datasheet
367Kb / 15P
   Future Technology Devices International Ltd USB to RS232 Serial Converter Range of Cables
Version 1.3 Date: 2009-12-18
TTL-232R-PCB FTDI-TTL-232R-PCB Datasheet
373Kb / 16P
   TTL to USB Serial Converter PCB
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
   USB to TTL Serial Converter Cable
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
   USB to TTL Serial Converter Cable
TTL-232RG-VIP-WE FTDI-TTL-232RG-VIP-WE Datasheet
503Kb / 18P
   TTL to USB Serial Converter Generic Cable
logo
Advantech Co., Ltd.
BB-TTL3USB9M ADVANTECH-BB-TTL3USB9M Datasheet
349Kb / 2P
   USB to TTL Miniature Converter
logo
Future Technology Devic...
TTL-234X-3V3 FTDI-TTL-234X-3V3 Datasheet
631Kb / 27P
   Series Range of Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com