Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNCLO-PSU-UK Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VNCLO-PSU-UK
Description  Vinculo Development Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNCLO-PSU-UK Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VNCLO-PSU-UK Datasheet HTML 1Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 2Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 3Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 4Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 5Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 6Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 7Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 8Page - Future Technology Devices International Ltd. VNCLO-PSU-UK Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000327
Vinculo Development Module Datasheet Version 1.0
Clearance No.: FTDI#173
Table of Contents
1 Introduction.................................................................... 1
1.1
Key Features ............................................................................. 2
1.2
VNC2 IC .................................................................................... 2
1.3
Part Numbers............................................................................ 3
2 Functionality ................................................................... 3
2.1
Power ....................................................................................... 3
2.2
Input/Output ............................................................................ 3
2.3
LEDs.......................................................................................... 3
3 Pin Out and Signal Description ........................................ 4
3.1
Module Connector Descriptions................................................. 4
3.2
Vinculo Connectors : Pins and Signal Description...................... 5
3.3
USB Slave Port : Pins and Signal Description ............................ 7
3.4
USB Host Port : Pins and Signal Description.............................. 7
3.5
Configuration Jumpers.............................................................. 8
4 Configurable Pin outs ...................................................... 9
4.1
UART Interface ......................................................................... 9
4.1.1
Signal Description – UART Interface............................................................. 9
4.2
Serial Peripheral Interface (SPI) ............................................ 10
4.2.1
Signal Description - SPI Slave ................................................................... 10
4.2.2
Signal Description - SPI Master ................................................................. 10
4.3
Parallel FIFO Interface - Asynchronous Mode ......................... 11
4.3.1
Signal Description - Parallel FIFO Interface ................................................. 11
5 Debugger Interface ....................................................... 12
5.1
Signal Description - Debugger Interface ................................. 12
6 ADC Converter............................................................... 13
7 Firmware....................................................................... 14
7.1
Firmware Support ................................................................... 14
7.2
Available Firmware ................................................................. 14
7.3
Firmware Upgrades................................................................. 14
7.4
Arduino Shield Compatible Firmware ...................................... 14
8 Mechanical Dimensions ................................................. 15
9 Schematic Diagram ....................................................... 16


Similar Part No. - VNCLO-PSU-UK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A4702JB VISHAY-VNC08044A4702JB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A4702KB VISHAY-VNC08044A4702KB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A47R0JB VISHAY-VNC08044A47R0JB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A47R0KB VISHAY-VNC08044A47R0KB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
More results

Similar Description - VNCLO-PSU-UK

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
MM900EVXA BRIDGETEK-MM900EVXA Datasheet
2Mb / 38P
   Development Module
Version 1.3
MM900EVXB BRIDGETEK-MM900EVXB Datasheet
4Mb / 35P
   Development Module
Version 1.0
MM932LC BRIDGETEK-MM932LC Datasheet
542Kb / 20P
   Development Module
Version 1.0
MM930LITE BRIDGETEK-MM930LITE Datasheet
822Kb / 22P
   Development Module
Version 1.0
logo
List of Unclassifed Man...
DWM1001-DEV ETC2-DWM1001-DEV Datasheet
1Mb / 15P
   DWM1001 Module Development
logo
Future Technology Devic...
UMFT234XF FTDI-UMFT234XF Datasheet
443Kb / 13P
   UMFT234XF Development Module
logo
Prosoft-Technology
MVI69-ADM PROSOFT-MVI69-ADM Datasheet
319Kb / 2P
   Programmable Application Development Module
MVI56-ADM PROSOFT-MVI56-ADM Datasheet
270Kb / 2P
    Programmable Application Development Module
MVI94-ADM PROSOFT-MVI94-ADM Datasheet
89Kb / 2P
   Programmable Application Development Module
logo
NXP Semiconductors
CSM-56F801 NXP-CSM-56F801 Datasheet
281Kb / 13P
   Development Module for Freescale DSP56F801
07/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com