Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F345DSBPQC-GSE2 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB96F345DSBPQC-GSE2
Description  16-bit Proprietary Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F345DSBPQC-GSE2 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB96F345DSBPQC-GSE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB96F345DSBPQC-GSE2 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
MB96340 Series
6
FME-MB96340 rev 10
■ PRODUCT LINEUP
Features
MB96V300B
MB96(F)34x
Product type
Evaluation sample
Flash product: MB96F34x
Mask ROM product: MB9634x
Product options
YS
NA
Low voltage reset persistently on / Single clock
RS
Low voltage reset can be disabled / Single clock
YW
Low voltage reset persistently on / Dual clock
RW
Low voltage reset can be disabled / Dual clock
TS
indep. 32KB Flash / Low voltage reset persistently on / Single clock
HS
indep. 32KB Flash / Low voltage reset can be disabled / Single clock
TW
indep. 32KB Flash / Low voltage reset persistently on / Dual clock
HW
indep. 32KB Flash / Low voltage reset can be disabled / Dual clock
FS
64KB Data Flash / Low voltage reset persistently on / Single clock
DS
64KB Data Flash / Low voltage reset can be disabled / Single clock
FW
64KB Data Flash / Low voltage reset persistently on / Dual clock
DW
64KB Data Flash / Low voltage reset can be disabled / Dual clock
AS
No CAN / Low voltage reset can be disabled / Single clock devices
CS
No CAN / indep. 32KB Flash / Low voltage reset can be disabled /
Single clock
AW
No CAN / Low voltage reset can be disabled / Dual clock
CW
No CAN / indep. 32KB Flash / Low voltage reset can be disabled /
Dual clock
Flash/ROM
RAM
160KB
8KB
ROM/Flash
memory emulation
by external RAM,
92KB internal
RAM
MB96345Y *1, MB96345R *1
224KB
[Flash A: 160KB,
Data Flash A: 64KB]
8KB
MB96F345F *1, MB96F345D *1
288KB
16KB
MB96F346Y, MB96346Y *1, MB96F346R, MB96346R *1, MB96F346A
416KB
16KB
MB96F347Y, MB96F347R, MB96F347A
544KB
24KB
MB96F348Y, MB96F348R, MB96F348A
576KB
[Flash A: 544KB,
Flash B: 32KB]
24KB
MB96F348T, MB96F348H, MB96F348C
Package
BGA416
FPT-100P-M20
FPT-100P-M22


Similar Part No. - MB96F345DSBPQC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F345DSAPMC-GSE2 CYPRESS-MB96F345DSAPMC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F345DSAPQC-GSE2 CYPRESS-MB96F345DSAPQC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
More results

Similar Description - MB96F345DSBPQC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com