Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F347RWA Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB96F347RWA
Description  16-bit Proprietary Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F347RWA Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB96F347RWA Datasheet HTML 1Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 2Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 3Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 4Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 5Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 6Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 7Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 8Page - Fujitsu Component Limited. MB96F347RWA Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
MB96340 Series
4
FME-MB96340 rev 10
Programmable Pulse
Generator
16-bit down counter, cycle and duty setting registers
Interrupt at trigger, counter borrow and/or duty match
PWM operation and one-shot operation
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock as counter clock and
Reload timer underflow as clock input
Can be triggered by software or reload timer
Real Time Clock
Can be clocked either from sub oscillator (devices with part number suffix “W”), main
oscillator or from the RC oscillator
Facility to correct oscillation deviation of Sub clock or RC oscillator clock (clock
calibration)
Read/write accessible second/minute/hour registers
Can signal interrupts every half second/second/minute/hour/day
Internal clock divider and prescaler provide exact 1s clock
External Interrupts
Edge sensitive or level sensitive
Interrupt mask and pending bit per channel
Each available CAN channel RX has an external interrupt for wake-up
Selected USART channels SIN have an external interrupt for wake-up
Non Maskable Interrupt
Disabled after reset
Once enabled, can not be disabled other than by reset.
Level high or level low sensitive
Pin shared with external interrupt 0.
External bus interface
8-bit or 16-bit bidirectional data
Up to 24-bit addresses
6 chip select signals
Multiplexed address/data lines
Wait state request
External bus master possible
Timing programmable
Alarm comparator
Monitors an external voltage and generates an interrupt in case of a voltage lower or
higher than the defined thresholds
Threshold voltages defined externally or generated internally
Status is readable, interrupts can be masked separately
Feature
Description


Similar Part No. - MB96F347RWA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F347RWAPMC-GE2 FUJITSU-MB96F347RWAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F347RWAPMC-GSE2 FUJITSU-MB96F347RWAPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB96F347RWAPQC-GE2 FUJITSU-MB96F347RWAPQC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F347RWAPQC-GSE2 FUJITSU-MB96F347RWAPQC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F347RWA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com