Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F386YWCPMC-GSE2 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB96F386YWCPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F386YWCPMC-GSE2 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB96F386YWCPMC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 10Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 11Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 12Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 13Page - Fujitsu Component Limited. MB96F386YWCPMC-GSE2 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
MB96380 Series
10
FME-MB96380 rev 10
■ PIN FUNCTION DESCRIPTION
Pin Function description (1 of 3)
Pin name
Feature
Description
ADn
External bus
External bus interface (non multiplexed mode) data input/
output. External bus interface (multiplexed mode) address
output and data input/output
ADTG
ADC
A/D converter trigger input
ALARMn
Alarm comparator
Alarm Comparator n input
ALE
External bus
External bus Address Latch Enable output
An
External bus
External bus non-multiplexed address output
ANn
ADC
A/D converter channel n input
AVCC
Supply
Analog circuits power supply
AVRH
ADC
A/D converter high reference voltage input
AVRH2
ADC
Alternative A/D converter high reference voltage input
AVRL
ADC
A/D converter low reference voltage input
AVSS
Supply
Analog circuits power supply
C
Voltage regulator
Internally regulated power supply stabilization capacitor pin
CKOTn
Clock output function
Clock Output function n output
CKOTn_R
Clock output function
Relocated Clock Output function n output
CKOTXn
Clock output function
Clock Output function n inverted output
CKOTXn_R
Clock output function
Relocated Clock Output function n inverted output
COMn
LCD
LCD COM pins
ECLK
External bus
External bus clock output
CSn
External bus
External bus chip select n output
CSn_R
External bus
Relocated External bus chip select n output
DVCC
Supply
SMC pins power supply
FRCKn
Free Running Timer
Free Running Timer n input
FRCKn_R
Free Running Timer
Relocated Free Running Timer n input
HAKX
External bus
External bus Hold Acknowledge
HRQ
External bus
External bus Hold Request
INn
ICU
Input Capture Unit n input
INn_R
ICU
Relocated Input Capture Unit n input
INTn
External Interrupt
External Interrupt n input


Similar Part No. - MB96F386YWCPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F386YWAPMC-GE2 FUJITSU-MB96F386YWAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB96F386YWBPMC-GSE2 CYPRESS-MB96F386YWBPMC-GSE2 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results

Similar Description - MB96F386YWCPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com