Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F348RSA Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB96F348RSA
Description  16-bit Proprietary Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F348RSA Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB96F348RSA Datasheet HTML 1Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 2Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 3Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 4Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 5Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 6Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 7Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 8Page - Fujitsu Component Limited. MB96F348RSA Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
FME-MB96340 rev 10
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.6
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16FX MB96340 Series
MB96345/346 MB96F345 *1
MB96F346/F347/F348
■ DESCRIPTION
MB96340 series is based on Fujitsu’s advanced 16FX architecture (16-bit with instruction pipeline for RISC-like
performance). The CPU uses the same instruction set as the established 16LX series - thus allowing for easy
migration of 16LX Software to the new 16FX products. 16FX improvements compared to the previous generation
include significantly improved performance - even at the same operation frequency, reduced power consumption
and faster start-up time.
For highest processing speed at optimized power consumption an internal PLL can be selected to supply the
CPU with up to 56MHz operation frequency from an external 4MHz resonator. The result is a minimum instruction
cycle time of 17.8ns going together with excellent EMI behavior. An on-chip clock modulation circuit significantly
reduces emission peaks in the frequency spectrum. The emitted power is minimized by the on-chip voltage
regulator that reduces the internal CPU voltage. A flexible clock tree allows to select suitable operation frequencies
for peripheral resources independent of the CPU speed.
*1: These devices are under development and specification is preliminary. These products under development may
change its specification without notice.
Note: F2MC is the abbreviation of Fujitsu Flexible Microcontroller


Similar Part No. - MB96F348RSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F348RSAPMC-GE2 FUJITSU-MB96F348RSAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F348RSAPQC-GE2 FUJITSU-MB96F348RSAPQC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F348RSA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com