Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-00254 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 10-00254
Description  Cable, 1830 mm, USB A plug to 4.75x1.7x9.5 mm 50-00028 right angle plug, center positive, 22 AWG, UL2468
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00254 Datasheet(HTML) 1 Page - Tensility International Corp.

  10-00254 Datasheet HTML 1Page - Tensility International Corp. 10-00254 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
11/10/09
mm
A
10-00254
Cable, 1830 mm, USB A plug to 4.75x1.7x9.5
mm 50-00028 right angle plug, center
positive, 22 AWG, UL2468
Specifications:
plug description (1)
USB-A plug; inner mold: 30P, PVC, black; outer mold: 60P, PVC,
black
plug description (2)
dc plug, 4.75x1.7xL20 mm, EIAJ-3, molding style, spring contacts,
P/N 50-00028
plug overmold (3)
30P, PVC, black, UL94V0
cable description (4)
UL2468, 0.16 x 17 strands, 2 conductor, twin wire
cable outer diameter
Ø3.6 (1.8 x 2) ± 0.1 mm
cable color
black
cable gauge
AWG #22
cable length
1830 ± 50
twist tie (5)
black, 89 ± 3
rated load
1 A at 5 Vdc
Notes:
Function test: no open, no reversed polarity, no short circuit, no INT
Hi-POT test: 600 Vac, 0.5 mA, 1 sec.
RoHS compliant
Mechanical drawing:
tolerance
X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
1 of 2
Initial
Date


Similar Part No. - 10-00254

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00250 TENSILITY-10-00250 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 3.5x1.35x9.5 mm 50-00056 right angle plug, center positive, 22 AWG, UL2468
10-00251 TENSILITY-10-00251 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 3.5x1.35x9.5mm 50-00056 right angle plug, center negative, 22 AWG, UL2468
10-00252 TENSILITY-10-00252 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5mm 50-00028 plug, center positive, 22 AWG, UL2468
10-00253 TENSILITY-10-00253 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5 mm 50-00028 plug, center negative, 22 AWG, UL2468
10-00255 TENSILITY-10-00255 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5mm 50-00028 right angle plug, center negative, 22 AWG, UL2468
More results

Similar Description - 10-00254

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00253 TENSILITY-10-00253 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5 mm 50-00028 plug, center negative, 22 AWG, UL2468
10-00252 TENSILITY-10-00252 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5mm 50-00028 plug, center positive, 22 AWG, UL2468
10-00255 TENSILITY-10-00255 Datasheet
55Kb / 2P
   Cable, 1830 mm, USB A plug to 4.75x1.7x9.5mm 50-00028 right angle plug, center negative, 22 AWG, UL2468
10-00246 TENSILITY-10-00246 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 5.5x2.5x12 mm 50-00026 right angle plug, center positive, 22 AWG, UL2468
10-00242 TENSILITY-10-00242 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 5.5x2.1x12 mm 50-00024 right angle plug, center positive, 22 AWG, UL2468
10-00250 TENSILITY-10-00250 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 3.5x1.35x9.5 mm 50-00056 right angle plug, center positive, 22 AWG, UL2468
10-00240 TENSILITY-10-00240 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 5.5x2.1x12 mm 50-00024 plug, center positive, 22 AWG, UL2468
10-00258 TENSILITY-10-00258 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 2.35x0.7x9.5mm 50-00030 right angle plug, center positive, 22 AWG, UL2468
10-00248 TENSILITY-10-00248 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 3.5x1.35x9.5mm 50-00056 plug, center positive, 22 AWG, UL2468
10-00256 TENSILITY-10-00256 Datasheet
56Kb / 2P
   Cable, 1830 mm, USB A plug to 2.35x0.7x9.5mm 50-00030 plug, center positive, 22 AWG, UL2468
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com