Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC365 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HC365
Description  Hex 3-State Noninverting Buffer with Common Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC365 Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HC365 Datasheet HTML 1Page - Motorola, Inc MC74HC365 Datasheet HTML 2Page - Motorola, Inc MC74HC365 Datasheet HTML 3Page - Motorola, Inc MC74HC365 Datasheet HTML 4Page - Motorola, Inc MC74HC365 Datasheet HTML 5Page - Motorola, Inc MC74HC365 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC54/74HC365
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
IOZ
Maximum Three–State
Leakage Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
8
80
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 3)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
2.0
4.5
6.0
220
44
37
275
55
47
330
66
56
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 2 and 4)
2.0
4.5
6.0
220
44
37
275
55
47
330
66
56
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance
(Output in High–Impedance State)
15
15
15
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Buffer)*
40
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT A
OUTPUT Y
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT ENABLE
OUTPUT Y
OUTPUT Y
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 1.
Figure 2.


Similar Part No. - MC74HC365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
MC74HC365A ONSEMI-MC74HC365A Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365ADG ONSEMI-MC74HC365ADG Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
MC74HC365ADG ONSEMI-MC74HC365ADG Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365ADR2G ONSEMI-MC74HC365ADR2G Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
More results

Similar Description - MC74HC365

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HCT365A ONSEMI-MC74HCT365A Datasheet
124Kb / 7P
   Hex 3-State Noninverting Buffer with Common Enables and LSTTL Compatible Inputs
June, 2011 ??Rev. 1
logo
Motorola, Inc
MC54-74HC366 MOTOROLA-MC54-74HC366 Datasheet
163Kb / 5P
   Hex 3-State Inverting Buffer with Common Enables
logo
Integral Corp.
IN74HC365 INTEGRAL-IN74HC365 Datasheet
142Kb / 5P
   HEX 3-STATE NONINVERTING BUFFER WITH COMMON ENABLES (High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC365A IKSEMICON-IN74HC365A Datasheet
209Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com