Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1008D650 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DAC1008D650
Description  Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D650 Datasheet(HTML) 2 Page - NXP Semiconductors

  DAC1008D650 Datasheet HTML 1Page - NXP Semiconductors DAC1008D650 Datasheet HTML 2Page - NXP Semiconductors DAC1008D650 Datasheet HTML 3Page - NXP Semiconductors DAC1008D650 Datasheet HTML 4Page - NXP Semiconductors DAC1008D650 Datasheet HTML 5Page - NXP Semiconductors DAC1008D650 Datasheet HTML 6Page - NXP Semiconductors DAC1008D650 Datasheet HTML 7Page - NXP Semiconductors DAC1008D650 Datasheet HTML 8Page - NXP Semiconductors DAC1008D650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
DAC1008D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 1 October 2010
2 of 98
NXP Semiconductors
DAC1008D650
2
×, 4× or 8× interpolating DAC with JESD204A
3.
Applications
Wireless infrastructure: LTE, WiMAX, GSM, CDMA, WCDMA, TD-SCDMA
Communication: LMDS/MMDS, point-to-point
Direct Digital Synthesis (DDS)
Broadband wireless systems
Digital radio links
Instrumentation
Automated Test Equipment (ATE)
4.
Ordering information
Two’s complement or binary offset data
format
Fully compatible SPI port
LMF = 421 or LMF = 211 support
Industrial temperature range from
−40 °Cto+85 °C
Differential CML receiver with
embedded termination
Integrated PLL can be bypassed
Synchronization of multiple DAC outputs
Embedded complex modulator
Table 1.
Ordering information
Type number
Package
Name
Description
Version
DAC1008D650HN
HVQFN64
plastic thermal enhanced very thin quad flat package; no leads;
64 terminals; body 9
× 9 × 0.85 mm
SOT804-3


Similar Part No. - DAC1008D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D650 NXP-DAC1008D650 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650HN NXP-DAC1008D650HN Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650HN RENESAS-DAC1008D650HN Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
More results

Similar Description - DAC1008D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com