Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1008D650 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DAC1008D650
Description  Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D650 Datasheet(HTML) 4 Page - NXP Semiconductors

  DAC1008D650 Datasheet HTML 1Page - NXP Semiconductors DAC1008D650 Datasheet HTML 2Page - NXP Semiconductors DAC1008D650 Datasheet HTML 3Page - NXP Semiconductors DAC1008D650 Datasheet HTML 4Page - NXP Semiconductors DAC1008D650 Datasheet HTML 5Page - NXP Semiconductors DAC1008D650 Datasheet HTML 6Page - NXP Semiconductors DAC1008D650 Datasheet HTML 7Page - NXP Semiconductors DAC1008D650 Datasheet HTML 8Page - NXP Semiconductors DAC1008D650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
DAC1008D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 1 October 2010
4 of 98
NXP Semiconductors
DAC1008D650
2
×, 4× or 8× interpolating DAC with JESD204A
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
005aaa155
DAC1008D650HN
Transparent top view
AGND
VDDA(3V3)
AGND
VDDA(3V3)
AUXBP
AUXAP
AUXBN
AUXAN
AGND
AGND
VDDA(1V8)
VDDA(1V8)
VDDA(1V8)
VDDA(1V8)
GAPOUT
AGND
VIRES
CLKINP
n.c.
CLKINN
RESET_N
AGND
SCS_N
VDDA(1V8)
VDDD(1V8)
MDS_P
SCLK
MDS_N
SDIO
VDDD(1V8)
SDO
n.c.
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
SDO
1
O
SPI data output
SDIO
2
I/O
SPI data input/output
SCLK
3
I
SPI clock
VDDD(1V8)
4
P
digital supply voltage 1.8 V
SCS_N
5
I
SPI chip select (active LOW)
RESET_N
6
I
general reset (active LOW)
n.c.
7
-
not connected
VIRES
8
I/O
DAC biasing resistor
GAPOUT
9
I/O
bandgap input/output voltage
VDDA(1V8)
10
P
analog supply voltage 1.8 V
VDDA(1V8)
11
P
analog supply voltage 1.8 V


Similar Part No. - DAC1008D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D650 NXP-DAC1008D650 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650HN NXP-DAC1008D650HN Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650HN RENESAS-DAC1008D650HN Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
More results

Similar Description - DAC1008D650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com