Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA19977AHV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA19977AHV
Description  Triple input HDMI 1.4a compliant receiver interface with equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19977AHV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA19977AHV Datasheet HTML 4Page - NXP Semiconductors TDA19977AHV Datasheet HTML 5Page - NXP Semiconductors TDA19977AHV Datasheet HTML 6Page - NXP Semiconductors TDA19977AHV Datasheet HTML 7Page - NXP Semiconductors TDA19977AHV Datasheet HTML 8Page - NXP Semiconductors TDA19977AHV Datasheet HTML 9Page - NXP Semiconductors TDA19977AHV Datasheet HTML 10Page - NXP Semiconductors TDA19977AHV Datasheet HTML 11Page - NXP Semiconductors TDA19977AHV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TDA19977A_TDA19977B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 November 2010
8 of 40
NXP Semiconductors
TDA19977A; TDA19977B
Triple input HDMI receiver interface with digital processing
VP[20]
62
O
video port output bit 20
VDDO(3V3)
63
P
video port output supply voltage; 3.3 V
VDDC(1V8)
64
P
digital core supply voltage; 1.8 V
VSSO
65
G
video port output ground
VP[21]
66
O
video port output bit 21
VP[22]
67
O
video port output bit 22
VP[23]
68
O
video port output bit 23
VP[24]
69
O
video port output bit 24
VP[25]
70
O
video port output bit 25
VP[26]
71
O
video port output bit 26
VP[27]
72
O
video port output bit 27
VSSC
73
G
digital core ground
VDDO(3V3)
74
P
video port output supply voltage; 3.3 V
VP[28]
75
O
video port output bit 28
VP[29]
76
O
video port output bit 29
VSSO
77
G
video port output ground
ACLK
78
O
audio clock output
AP0
79
O
audio port 0 output
AP1
80
O
audio port 1 output
AP2
81
O
audio port 2 output
AP3
82
O
audio port 3 output
AP4/WS
83
O
audio port 4 output
word select output
VDDO(3V3)
84
P
video port output supply voltage; 3.3 V
AP5/SYSCLK
85
O
audio port 5 output
system clock audio output
VSSO
86
G
video port output ground
VDDH(3V3)
87
P
HDMI audio PLL supply voltage; 3.3 V
VDDH(3V3)
88
P
HDMI audio PLL supply voltage; 3.3 V
VSSH
89
G
HDMI audio PLL ground
VDDH(1V8)
90
P
HDMI audio PLL supply voltage; 1.8 V
VSSH
91
G
HDMI audio PLL ground
VDDC(1V8)
92
P
digital core supply voltage; 1.8 V
XTALOUT
93
O
crystal oscillator output
XTALIN/MCLK
94
I
crystal oscillator input
test pattern clock input
VDDI(3V3)
95
P
digital inputs supply voltage; 3.3 V
VAI
96
O
video activity indication output (open-drain); warns the
external microprocessor that a special event has
occurred; must be connected to a pull-up resistor; 5 V
tolerant (active LOW)
SDA
97
I/O
I2C-bus serial data input/output
Table 3.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - TDA19977AHV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Similar Description - TDA19977AHV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com