Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752BIBS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C752BIBS
Description  5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C752BIBS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C752BIBS Datasheet HTML 4Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 5Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 6Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 7Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 8Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 9Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 10Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 11Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
//htmlimg2.alldatasheet.net/htmldatasheet2/394233/NXP/SC16C752BIBS/514/8/SC16C752BIBS.png


Similar Part No. - SC16C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752BIBS PHILIPS-SC16C752BIBS Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752BIBS NXP-SC16C752BIBS Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
More results

Similar Description - SC16C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com