Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC240 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC240
Description  Octal buffer/line driver; inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC240 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC240 Datasheet HTML 4Page - NXP Semiconductors 74AHC240 Datasheet HTML 5Page - NXP Semiconductors 74AHC240 Datasheet HTML 6Page - NXP Semiconductors 74AHC240 Datasheet HTML 7Page - NXP Semiconductors 74AHC240 Datasheet HTML 8Page - NXP Semiconductors 74AHC240 Datasheet HTML 9Page - NXP Semiconductors 74AHC240 Datasheet HTML 10Page - NXP Semiconductors 74AHC240 Datasheet HTML 11Page - NXP Semiconductors 74AHC240 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
8 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Enable and disable times
mgu782
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
nYn output
LOW-to-OFF
OFF-to-LOW
nYn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74AHC240
0.5VCC
0.5VCC
VOL + 0.3 V
VOH  0.3 V
74AHCT240
1.5 V
0.5VCC
VOL + 0.3 V
VOH  0.3 V


Similar Part No. - 74AHC240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC244 PHILIPS-74AHC244 Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244 NXP-74AHC244 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244 NEXPERIA-74AHC244 Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244-Q100 NEXPERIA-74AHC244-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC244BQ NXP-74AHC244BQ Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
More results

Similar Description - 74AHC240

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com