Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2103 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2103 Datasheet HTML 1Page - NXP Semiconductors SSL2103 Datasheet HTML 2Page - NXP Semiconductors SSL2103 Datasheet HTML 3Page - NXP Semiconductors SSL2103 Datasheet HTML 4Page - NXP Semiconductors SSL2103 Datasheet HTML 5Page - NXP Semiconductors SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
4 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration SO14
SSL2103
SB_DRV
HVDET
WB_DRV
DRAIN
VCC
PWR_DRV
GND
SOURCE
BRIGHTNESS
AUX
RC2
ISENSE
RC
PWMLIMIT
001aam652
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
SB_DRV
1
strong bleeder switch drive
WB_DRV
2
weak bleeder switch drive
VCC
3
supply voltage
GND
4
ground
BRIGHTNESS
5
brightness input
RC2
6
setting for frequency reduction
RC
7
frequency setting
PWMLIMIT
8
PWM limit input
ISENSE
9
current sense input for WBLEED
AUX
10
input for voltage from auxiliary winding for timing (demagnetization)
SOURCE
11
current sense input of external power switch
PWR_DRV
12
power switch drive
DRAIN
13
drain of external power switch; input for start-up current and valley sensing
HVDET
14
input for high voltage sensing


Similar Part No. - SSL2103

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
   Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
   Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL3401HN PHILIPS-SSL3401HN Datasheet
351Kb / 29P
   Low voltage dimmable controller for LED lighting
Rev. 2-28 January 2014
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com