Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2103 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL2103
Description  SMPS controller IC for dimmable LED lighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL2103 Datasheet HTML 3Page - NXP Semiconductors SSL2103 Datasheet HTML 4Page - NXP Semiconductors SSL2103 Datasheet HTML 5Page - NXP Semiconductors SSL2103 Datasheet HTML 6Page - NXP Semiconductors SSL2103 Datasheet HTML 7Page - NXP Semiconductors SSL2103 Datasheet HTML 8Page - NXP Semiconductors SSL2103 Datasheet HTML 9Page - NXP Semiconductors SSL2103 Datasheet HTML 10Page - NXP Semiconductors SSL2103 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
7 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
The SB_DRV output is activated when the maximum voltage on pin HVDET is below the
Vth(SBLEED) level (52 V typically). The WB_DRV output is activated as soon as the voltage
on pin ISENSE exceeds the Vth(high)(ISENSE) level (100 mV typically). The WB_DRV
output is deactivated when the ISENSE voltage drops below the Vth(low)(ISENSE) level
(
250 mV typically). The WB_DRV output is also deactivated when the strong bleeder
switch is switched on. See Figure 5.
8.5 Valley switching
A new cycle is started when the primary switch is switched on (see Figure 6). After a time
determined by the oscillator voltage, RC and the internal regulation level, the switch is
turned off and the secondary stroke starts. The internal regulation level is determined by
the voltage on pin PWMLIMIT.
After the secondary stroke, the drain voltage shows an oscillation with a frequency of
approximately:
(2)
where:
Lp = primary self inductance
Cp = parasitic capacitance on drain node
As soon as the oscillator voltage is high again and the secondary stroke has ended, the
circuit waits for a low drain voltage before starting a new primary stroke.
Figure 6 shows the drain voltage together with the valley signal, the signal indicating the
secondary stroke and the RC voltage.
The primary stroke starts some time before the actual valley at low ringing frequencies,
and some time after the actual valley at high ringing frequencies.
Fig 5.
Bleeder circuit
001aam658
HVDET
WB_DRV
SB_DRV
LOW V DETECT
Q
R
S
−0.1 V
−0.25 V
ISENSE
GND
INTEGRATED
B1
OR
1
2
L
p
C
p

----------------------------------------------


Similar Part No. - SSL2103

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
   Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
   Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
NXP Semiconductors
SSL3401HN PHILIPS-SSL3401HN Datasheet
351Kb / 29P
   Low voltage dimmable controller for LED lighting
Rev. 2-28 January 2014
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com