Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S1203FTB0 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL3S1203FTB0
Description  UCODE G2iL and G2iL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1203FTB0 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL3S1203FTB0 Datasheet HTML 5Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 6Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 7Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 8Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 9Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 10Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 11Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 12Page - NXP Semiconductors SL3S1203FTB0 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SL3S1203_1213_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 9 November 2010
198732
9 of 22
NXP Semiconductors
SL3S1203_1213
UCODE G2iL and G2iL+
11. Functional description
11.1 Air interface standards
The UCODE G2iL fully supports all parts of the "Specification for RFID Air Interface
EPCglobal, EPCTM Radio-Frequency Identity Protocols, Class-1 Generation-2 UHF
RFID, Protocol for Communications at 860 MHz to 960 MHz, Version 1.2.0".
11.2 Power transfer
The interrogator provides an RF field that powers the tag, equipped with a UCODE G2iL.
The antenna transforms the impedance of free space to the chip input impedance in order
to get the maximum possible power for the G2iL on the tag. The G2iL+ can also be
supplied externally.
The RF field, which is oscillating on the operating frequency provided by the interrogator,
is rectified to provide a smoothed DC voltage to the analog and digital modules of the IC.
The antenna that is attached to the chip may use a DC connection between the two
antenna pads. Therefore the G2iL also enables loop antenna design. Possible examples
of supported antenna structures can be found in the reference antenna design guide.
11.3 Data transfer
11.3.1 Reader to tag Link
An interrogator transmits information to the UCODE G2iL by modulating an UHF RF
signal. The G2iL receives both information and operating energy from this RF signal. Tags
are passive, meaning that they receive all of their operating energy from the interrogator's
RF waveform. In order to further improve the read range the UCODE G2iL can be
externally supplied as well so the energy to operate the chip does not need to be
transmitted by the reader.
An interrogator is using a fixed modulation and data rate for the duration of at least one
inventory round. It communicates to the G2iL by modulating an RF carrier using DSB-ASK
with PIE encoding.
For further details refer to Section 16, Ref. 1. Interrogator-to-tag (R=>T) communications.
11.3.2 Tag to reader Link
An interrogator receives information from a G2iL by transmitting an unmodulated RF
carrier and listening for a backscattered reply. The G2iL backscatters by switching the
reflection coefficient of its antenna between two states in accordance with the data being
sent. For further details refer to Section 16, Ref. 1, chapter 6.3.1.3.
The UCODE G2iL communicates information by backscatter-modulating the amplitude
and/or phase of the RF carrier. Interrogators shall be capable of demodulating either
demodulation type.
The encoding format, selected in response to interrogator commands, is either FM0
baseband or Miller-modulated subcarrier.


Similar Part No. - SL3S1203FTB0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1203FTB0 NXP-SL3S1203FTB0 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
More results

Similar Description - SL3S1203FTB0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
   UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3S1002FTB1,115 NXP-SL3S1002FTB1,115 Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
   UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com