Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2B6I500-800-450W Datasheet(PDF) 9 Page - eupec GmbH

Part # 2B6I500-800-450W
Description  2 x 3 x 450A AC at 500V AC, water cooled
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2B6I500-800-450W Datasheet(HTML) 9 Page - eupec GmbH

Back Button 2B6I500-800-450W Datasheet HTML 2Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 3Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 4Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 5Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 6Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 7Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 8Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 9Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ModSTACKTM
Data Sheet: 2B6I 500/800-450W
Preliminary Data
2B6I500-800-450W1.doc
9 of 10
2003-11-11
Miscellaneous
This technical information specifies semiconductor stacks but promises no characteristics. It
is valid in combination with the belonging technical notes.
This document may be changed without prior notice.
Warning!
Prior to installation and commissioning all safety notices and warnings and all warning signs
attached to the equipment have to be carefully read. Make sure that all warning signs remain
in a legible condition and missing or damaged signs are replaced.
The safety instructions have to be strictly adhered to.
The manual contains detailed information on all technical topics with regard to the eupec
ModSTACK. For further details regarding publications of the eupec ModSTACK and
information on other publications in the area of ModSTACKs please contact your nearest
eupec branch or visit our website: http://www.eupec.com.
eupec GmbH 2003. All rights reserved
Prepared by
J.Schiele
2003-11-24
Date of publication
Approved
H.Nübel
by
2003-11-24
Revision 0


Similar Part No. - 2B6I500-800-450W

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
2B6I500-800-400GS EUPEC-2B6I500-800-400GS Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
More results

Similar Description - 2B6I500-800-450W

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
2B6I500-800-330GM EUPEC-2B6I500-800-330GM Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
logo
Insel Rectifier India P...
2XDCR1278SD IRI-2XDCR1278SD Datasheet
2Mb / 5P
   AC SWITCH(WATER COOLED)
2XDCR604SE IRI-2XDCR604SE Datasheet
2Mb / 4P
   AC SWITCH(WATER COOLED)
logo
eupec GmbH
1B6I690-1100-400W EUPEC-1B6I690-1100-400W Datasheet
394Kb / 10P
   3 x 400A AC at 690V AC, watercooled
B6IB6I690 EUPEC-B6IB6I690 Datasheet
1Mb / 10P
   3 x 277A AC at 690V AC, aircooled
2B6I690-1100-400WM EUPEC-2B6I690-1100-400WM Datasheet
418Kb / 10P
   3 x 800A AC at 690V AC, watercooled
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
logo
ORION FANS
OA172S-METAL ORIONFANS-OA172S-METAL Datasheet
336Kb / 1P
   AC - Harsh Environment 172 x 150 x 51mm (6.7??x 5.9??x 2??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com