Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2B6I500-800-450W Datasheet(PDF) 4 Page - eupec GmbH

Part # 2B6I500-800-450W
Description  2 x 3 x 450A AC at 500V AC, water cooled
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2B6I500-800-450W Datasheet(HTML) 4 Page - eupec GmbH

  2B6I500-800-450W Datasheet HTML 1Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 2Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 3Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 4Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 5Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 6Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 7Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 8Page - eupec GmbH 2B6I500-800-450W Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ModSTACKTM
Data Sheet: 2B6I 500/800-450W
Preliminary Data
2B6I500-800-450W1.doc
4 of 10
2003-11-11
EMC Environment
Shielding concept with TE
(True Earth) separated
from PE,
HF conform installation
Drive Pulse Time
ton_min
10
µs
Blockout Time
tpause
10
µs
Over Voltage
Shutdown Reaction
Time
After over voltage
message by
ModSTACK interface
50
µs
Over Current
Shutdown Reaction
Time
After over current
message by
ModSTACK interface
10
µs
Mechanical Data
Air Velocity
vAir
-
m/s
Air Flow/ heatsink
dV/dtAir
-
m³/h
Air Pressure Drop/
heatsink
ϑAir=20°C
Pair=1013 hPa
Dry- and dust free,
measured outside of
heatsink.
According DIN 41882
∆pAir
-
Pa
Water Flow/ heatsink
dV/dt
Water
16
l/min
Water Pressure Drop/
heatsink
∆pWater
200
mbar
Max. Water Pressure
According
Coolingwater
Specification from
eupec for copper tubes
8
bar
Water connection
(Tube diameter)
¾”
Inch
Dimensions
Width x Depth x Height
1090
596
250
mm
Mass
Approximation
101
kg
Storage Temperature
Range
ϑstor
-40
+65
°C
Operating
Temperature range
(PCB and Capacitor)
Minimal 0 °C for
optional optical
interface
ϑop
-25 (0)
+55
°C
-
Cooling Air Inlet
Temperature
(Heatsink)
Heatsink temperature >
-25°C
ϑair_inlet
-
-
°C
Cooling Water Inlet
Temperature
(Heatsink)
ϑwater_
inlet
-25
+40
°C
Cooling Air Velocity
(PCB and Capacitor)
vAir_PCB
2
m/s
Air Pressure
Standard atmosphere
pAir
900
1100
hPa
Humidity
No Condensation
Rel. H
0
95
%
Installation Height
0
1000
m
Vibration
EN60068-2-6, Fc
10..59Hz 0,075mm
10
m/s²


Similar Part No. - 2B6I500-800-450W

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
2B6I500-800-400GS EUPEC-2B6I500-800-400GS Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
More results

Similar Description - 2B6I500-800-450W

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
2B6I500-800-330GM EUPEC-2B6I500-800-330GM Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
logo
Insel Rectifier India P...
2XDCR1278SD IRI-2XDCR1278SD Datasheet
2Mb / 5P
   AC SWITCH(WATER COOLED)
2XDCR604SE IRI-2XDCR604SE Datasheet
2Mb / 4P
   AC SWITCH(WATER COOLED)
logo
eupec GmbH
1B6I690-1100-400W EUPEC-1B6I690-1100-400W Datasheet
394Kb / 10P
   3 x 400A AC at 690V AC, watercooled
B6IB6I690 EUPEC-B6IB6I690 Datasheet
1Mb / 10P
   3 x 277A AC at 690V AC, aircooled
2B6I690-1100-400WM EUPEC-2B6I690-1100-400WM Datasheet
418Kb / 10P
   3 x 800A AC at 690V AC, watercooled
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
logo
ORION FANS
OA172S-METAL ORIONFANS-OA172S-METAL Datasheet
336Kb / 1P
   AC - Harsh Environment 172 x 150 x 51mm (6.7??x 5.9??x 2??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com