Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-4351 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPXI-4351
Description  High-Precision Data Acquisition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-4351 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPXI-4351 Datasheet HTML 1Page - National Instruments Corporation NIPXI-4351 Datasheet HTML 2Page - National Instruments Corporation NIPXI-4351 Datasheet HTML 3Page - National Instruments Corporation NIPXI-4351 Datasheet HTML 4Page - National Instruments Corporation NIPXI-4351 Datasheet HTML 5Page - National Instruments Corporation NIPXI-4351 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
4
Specifications
» For complete specifications, see the NI 435x User Manual
at
ni.com/manuals.
Thermocouple Accuracy
TC Type
Error (°C)
Temperature
Coefficient
(°C/°C)
Accessory
Error
(°C)
°C
10 Hz
50 Hz
60 Hz
J
-100
0.53
0.61
0.74
0.02
0.25
0
0.42
0.49
0.59
760
0.42
0.47
0.55
K
-100
0.60
0.72
0.89
0.03
0.27
0
0.45
0.54
0.67
1,000
0.60
0.69
0.81
1,372
0.74
0.84
0.99
N
-100
0.68
0.84
1.08
0.03
0.26
0
0.54
0.67
0.86
400
0.42
0.51
0.65
1,300
0.57
0.66
0.80
E
-100
0.55
0.62
0.74
0.02
0.28
0
0.41
0.46
0.55
500
0.35
0.40
0.46
1,000
0.46
0.50
0.57
T
-150
0.81
0.96
1.17
0.03
0.36
0
0.46
0.55
0.68
400
0.33
0.39
0.47
R
250
0.82
1.16
1.65
0.06
0.12
1,000
0.72
0.99
1.37
1,767
0.91
1.19
1.60
S
250
0.91
1.28
1.83
0.07
0.13
1,000
0.77
1.05
1.47
1,767
0.96
1.27
1.72
B
600
1.08
1.64
2.47
0.11
0.00
1,000
0.76
1.14
1.69
1,820
0.74
1.05
1.50
RTD Accuracy
°C
Error (°C) (100 Ω RTD)
Temperature
Coefficient
(°C/°C)
10 Hz
50 Hz
60 Hz
I
EX1
1
I
EX0
2
I
EX1
1
I
EX0
2
I
EX1
1
I
EX0
2
-200
0.05
1.00
0.06
1.33
0.07
1.81
0.02
0
0.12
1.14
0.13
1.49
0.14
2.00
100
0.16
1.22
0.17
1.58
0.18
2.10
300
0.23
1.38
0.24
1.76
0.26
2.32
600
0.36
1.66
0.37
2.08
0.39
2.69
1
With 100 Ω RTD, 25 µA current source. 2With 100 Ω RTD, 1 mA current source (NI 4351 only) .
Thermistor Accuracy
Temperature ......................................... 0 to 50 °C
Error ...................................................... 0.03 °C
Temperature coefficient ....................... 0.001 °C/°C
Resistance Accuracy and DC Voltage Accuracy
For detailed resistance accuracy and DC voltage accuracy specifications,
see the NI 435x User Manual at ni.com/manuals.
Analog Input
Input characteristics
Number of channels ......................... 16 differential or 14 temperature
Digits................................................. 5½
Type of ADC...................................... Delta-sigma
ADC resolution.................................. 24 bits, no missing codes
Calibration cycle............................... 1 year
Mode
Reading Rate (Readings/s)
Power Line Noise Rejection (Hz)
Single channel
10
50, 60, 400
50
50, 400
60
60
Multiple-channel2
scanning
2.8 (1.41)
50, 60, 400
8.8 (2.11)
50, 400
9.7 (2.11)
60
1
Resistance ranges >50 k
2
Total number of readings per second (for single-channel speed, divide by the
number of channels acquired)
Reading Rates
Input coupling........................................ DC
Maximum working voltage (signal + common mode)
Range >2.5 V..................................... Each input should remain
within ±15 V of ground
Range ≤2.5 V .................................... Each input should remain
within ±2.5 V of ground
Overvoltage protection
(ACH<0..8/15>, IEX± <0..1>)............. ±42 V powered on, ±17 V powered off
Data transfers ....................................... Interrupts, programmed I/O
Warm-up time ....................................... 30 minutes
Amplifier Characteristics
Input impedance
Normal powered on.......................... >1 GΩ in parallel with 0.39 µF
Powered off ...................................... 10 kΩ
Overload............................................ 10 kΩ
High-Precision Data Acquisition


Similar Part No. - NIPXI-4351

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-4022 NI-NIPXI-4022 Datasheet
317Kb / 3P
   6-Wire Guard and Current Amplifier
NIPXI-4060 NI-NIPXI-4060 Datasheet
110Kb / 4P
   51?? Digit Multimeters
NIPXI-4065 NI-NIPXI-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIPXI-4070 NI-NIPXI-4070 Datasheet
320Kb / 4P
   61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
NIPXI-4071 NI-NIPXI-4071 Datasheet
240Kb / 9P
   71.2-Digit, 26-Bit, 1000 V Digital Multimeter and 1.8 MS/s Isolated Digitizer
More results

Similar Description - NIPXI-4351

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
   5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Microchip Technology
TC530 MICROCHIP-TC530 Datasheet
527Kb / 22P
   5V Precision Data Acquisition Subsystems
2002
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
   High Speed Data Acquisition Module
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
   24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com