Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPCI-6120 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPCI-6120
Description  S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6120 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPCI-6120 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 5Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 6Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 7Page - National Instruments Corporation NIPCI-6120 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dedicated A/D Converters per Channel – help you achieve faster
sampling rates per channel, simultaneous sampling, and better
dynamic accuracy for transient or frequency measurements.
200 mV to 42 V Input Ranges – configure each analog input channel
to read from a very wide variety of voltage ranges. The input
impedance is lower for 20 and 42 V ranges, preserving the bandwidth
for signals with high frequencies and large amplitudes.
AC or DC Coupling – configure analog inputs for AC or DC coupling
on a per-channel basis. AC coupling removes the DC offset for
applications only analyzing signals in the frequency domain.
Antialias Filters (NI 6115 and NI 6120) – the antialias filters are turned
on from software on a per-channel basis. NI 6115 devices have 50 or
500 kHz filters for each channel, and NI 6120 devices have 100 kHz
filters for each channel.
Large Onboard Memory (NI 6115 and NI 6120) – NI 6120 devices
feature a 64 MS onboard memory, and NI 6115 devices feature a
64 or 32 MS onboard memory. With the extra memory, which
requires no extra programming, you can capture high-bandwidth
signals over long periods of time, even if multiple devices are sharing
the same PCI or PXI bus.
Hardware-Timed Digital I/O – the digital I/O lines can synchronize
with the analog input, analog output, counter/timer I/O, or an
external clock for mixed-signal measurement applications. Using the
onboard FIFO, you can achieve reliable data transfers to 10 MB/s.
Phase Locking (PXI only) – synchronize multiple devices to a
common PXI backplane clock to preserve the phase between
measurements across multiple device analog input channels.
Professional Analysis and
Presentation Toolkits
There are several analysis and presentation add-on toolkits available
from National Instruments that help make you more productive
when developing custom applications with your S Series devices.
Turn your S Series device into a transient recorder, spectrum
analyzer, or one of several other instruments with these toolkits.
NI LabVIEW Sound and Vibration Toolkit
This toolkit includes a full set of frequency-domain analysis and
presentation tools required for sound and vibration applications.
These tools include:
• Distortion, gain, phase, cross-talk, and dynamic range measurements
• Octave analysis
• Swept-sine analysis
• Linear, exponential, and peak hold measurements
• Baseband and zoom FFT, power, FFT, power spectral density (PSD)
• Limit testing
• Short-time Fourier transform and shock response spectrum
• Weighting filters
• System calibration
• Waterfall/colormap display
NI LabVIEW Signal Processing Toolkit
This toolkit is a suite of software tools, example programs, and
utilities for time-frequency analysis and digital filter design. The
toolkit includes:
• Wavelet and filter-bank design
• Digital filter design of FIR and IIR filters
• Joint time-frequency analysis (JTFA) with the Gabor spectrograph
• High-frequency resolution model-based spectral estimation for
small datasets
S Series Multifunction DAQ 12 or 16-Bit,
1 to 10 MS/s, 4 Analog Inputs
2 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
Figure 1. Sound and Vibration Toolkit


Similar Part No. - NIPCI-6120

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6122 NI-NIPCI-6122 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPCI-6123 NI-NIPCI-6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
More results

Similar Description - NIPCI-6120

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
   1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
PCI-1712 ADVANTECH-PCI-1712 Datasheet
659Kb / 2P
   1 MS/s, 12-bit, 16-ch PCI Multifunction Card
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com