Electronic Components Datasheet Search |
|
ADS1146 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ADS1146 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 54 page ADS1146 ADS1147 ADS1148 www.ti.com SBAS453C – JULY 2009 – REVISED APRIL 2010 ELECTRICAL CHARACTERISTICS (continued) Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at AVDD = +5V, DVDD = +3.3V, AVSS = DGND = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise noted. ADS1146, ADS1147, ADS1148 PARAMETER CONDITIONS MIN TYP MAX UNIT CURRENT SOURCES (IDACS) 50, 100, 250, Output current 500, 750, 1000, mA 1500 Voltage compliance All currents AVDD – 0.7 V Initial error All currents, each IDAC –6 ±1.0 6 % of FS Initial mismatch All currents, between IDACs ±0.03 % of FS Temperature drift Each IDAC 200 ppm/°C Temperature drift matching Between IDACs 10 ppm/°C SYSTEM MONITORS Voltage TA = +25°C 118 mV Temperature sensor reading Drift 405 mV/°C GENERAL-PURPOSE INPUT/OUTPUT (GPIO) VIH 0.7AVDD AVDD V VIL AVSS 0.3AVDD V Logic levels VOH IOH = 1mA 0.8AVDD V VOL IOL = 1mA AVSS 0.2 AVDD V DIGITAL INPUT/OUTPUT (other than GPIO) VIH 0.7DVDD DVDD V VIL DGND 0.3DVDD V Logic levels VOH IOH = 1mA 0.8DVDD V VOL IOL = 1mA DGND 0.2 DVDD V Input leakage DGND < VDIGITAL IN < DVDD ±10 mA Frequency 1 4.5 MHz Clock input (CLK) Duty cycle 25 75 % Internal oscillator frequency 3.89 4.096 4.3 MHz POWER SUPPLY DVDD 2.7 5.25 V AVSS –2.5 0 V AVDD AVSS + 2.7 AVSS + 5.25 V Normal mode, DVDD = 5V, 230 mA data rate = 20SPS, internal oscillator DVDD current Normal mode, DVDD = 3.3V, 210 mA data rate = 20SPS, internal oscillator Sleep mode 0.2 µA Converting, AVDD = 5V, 225 µA data rate = 20SPS, external reference Converting, AVDD = 3.3V, 212 µA data rate = 20SPS, external reference AVDD current Sleep mode 0.1 µA Additional current with internal reference 180 mA enabled AVDD = DVDD = 5V, data rate = 20SPS, 2.3 mW external reference, internal oscillator Power dissipation AVDD = DVDD = 3.3V, data rate = 20SPS, 1.4 mW external reference, internal oscillator TEMPERATURE RANGE Specified –40 +105 °C Operating –40 +125 °C Storage –60 +150 °C Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): ADS1146 ADS1147 ADS1148 |
Similar Part No. - ADS1146 |
|
Similar Description - ADS1146 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |