Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1174 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1174
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1174 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1174_08 Datasheet HTML 1Page - Texas Instruments ADS1174_08 Datasheet HTML 2Page - Texas Instruments ADS1174_08 Datasheet HTML 3Page - Texas Instruments ADS1174_08 Datasheet HTML 4Page - Texas Instruments ADS1174_08 Datasheet HTML 5Page - Texas Instruments ADS1174_08 Datasheet HTML 6Page - Texas Instruments ADS1174_08 Datasheet HTML 7Page - Texas Instruments ADS1174_08 Datasheet HTML 8Page - Texas Instruments ADS1174_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ELECTRICAL CHARACTERISTICS
ADS1174
ADS1178
www.ti.com ........................................................................................................................................ SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008
Limit specifications at TA = –40°C to +105°C. Typical specifications at TA = +25°C, AVDD = +5V, DVDD = +1.8V, IOVDD =
+3.3V, fCLK = 27MHz, VREFP = 2.5V, VREFN = 0V, and all channels active, unless otherwise noted.
ADS1174, ADS1178
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage (FSR(1))
VIN = (AINP – AINN)
±VREF
V
Absolute input voltage
AINP or AINN to AGND
AGND – 0.1
AVDD + 0.1
V
Common-mode input voltage
VCM = (AINP + AINN)/2
2.5
V
High-Speed mode
28
k
Differential input impedance
Low-Power mode
140
k
DC PERFORMANCE
Resolution
No missing codes
16
Bits
High-Speed mode
52,734
SPS
Data rate (fDATA)
Low-Power mode
10,547
SPS
Integral nonlinearity (INL)(2)
Differential input
±0.3
±1
LSB
Offset error
0.3
2
mV
Offset drift
2
µV/°C
Gain error
0.1
0.5
%
Gain drift
2
ppm/°C
Noise
Shorted input
1
LSBPP
Common-mode rejection
fCM = 60Hz
(3)
100
dB
AVDD
fPS = 60Hz
(3)
75
dB
Power-supply rejection
DVDD
fPS = 60Hz
(3)
85
dB
IOVDD
fPS = 60Hz
(3)
90
dB
VCOM output voltage
No load
AVDD/2
V
AC PERFORMANCE
Crosstalk
VIN = 1kHz, –0.5dBFS
–107
dB
Signal-to-noise ratio (SNR) (unweighted)
VIN = 1kHz, –0.5dBFS
92
97
dB
Total harmonic distortion (THD)(4)
High-Speed mode
VIN = 1kHz, –0.5dBFS
–105
–96
dB
Spurious-free dynamic range
106
dB
Passband ripple
±0.005
dB
Passband
0.453 fDATA
Hz
–3dB Bandwidth
0.49 fDATA
Hz
Stop band attenuation
100
dB
Stop band
0.547 fDATA
63.453 fDATA
Hz
Group delay
38/fDATA
s
Settling time (latency)
Complete settling
76/fDATA
s
(1)
FSR = full-scale range = 2VREF
(2)
Best-fit method.
(3)
fCM is the input common-mode frequency. fPS is the power-supply frequency.
(4)
THD includes the first nine harmonics of the input signal.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1174 ADS1178


Similar Part No. - ADS1174_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1174EVM-PDK TI1-ADS1174EVM-PDK Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1174IPAP TI1-ADS1174IPAP Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1174IPAPR TI-ADS1174IPAPR Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174IPAPT TI-ADS1174IPAPT Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results

Similar Description - ADS1174_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com