Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

778705-01 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # 778705-01
Description  High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778705-01 Datasheet(HTML) 5 Page - National Instruments Corporation

  778705-01 Datasheet HTML 1Page - National Instruments Corporation 778705-01 Datasheet HTML 2Page - National Instruments Corporation 778705-01 Datasheet HTML 3Page - National Instruments Corporation 778705-01 Datasheet HTML 4Page - National Instruments Corporation 778705-01 Datasheet HTML 5Page - National Instruments Corporation 778705-01 Datasheet HTML 6Page - National Instruments Corporation 778705-01 Datasheet HTML 7Page - National Instruments Corporation 778705-01 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
High-Speed Voltage Output – up to
1 MS/s/Channel, up to 16-Bit, up to 32 Channels
These specifications are typical at 25 °C unless otherwise stated.
Analog Output
Output Characteristics
Number of channels
NI 6715/6713/6733 ................................... 8 voltage outputs
NI 6711/6731............................................. 4 voltage outputs
Resolution......................................................... 12 bits, 1 in 4,096 (NI 671x),
16 bits, 1 in 65,536 (NI 673x)
FIFO buffer size
NI 6713/6733............................................. 16,384 samples
NI 6711/6715/6731 ................................... 8,192 samples
Data transfers .................................................. DMA, interrupts, programmed I/O
DMA modes (PXI/PCI only)............................... Scatter-gather
Voltage Output
Ranges.............................................................. ±10.0 V, ±AO EXT REF
Output coupling ................................................ DC
Protection ......................................................... Short-circuit to ground
Digital I/O
Number of channels......................................... 8 input/output
Compatibility .................................................... 5 V TTL/CMOS
Power-on state ................................................. Input (high-impedance)
Data transfers .................................................. Programmed I/O, DMA (NI 673x), interrupts (NI 673x)
Input buffer....................................................... 2048 bytes (NI 673x)
Output buffer .................................................... 2048 bytes (NI 673x)
Transfer rate ..................................................... 10 Mwords/s (NI 673x)
Timing I/O
General-Purpose Up/Down Counter/Timers
Number of channels......................................... 2
Resolution......................................................... 24 bits
Compatibility .................................................... 5 V TTL/CMOS
Digital logic levels
Base clocks available....................................... 20 MHz and 100 kHz
Data transfers .................................................. DMA (except NI 6715), interrupts, programmed I/O
DMA modes (PCI/PXI only)............................... Scatter-gather
Digital Trigger
Purpose
Analog output ............................................ Start trigger, gate, clock
General-purpose counter/timers ............... Source, gate
Source............................................................... PFI <0...9>, RTSI <0...6> (except NI 6715)
Slope................................................................. Positive or negative; software selectable
Compatibility .................................................... 5 V TTL/CMOS
Specifications – NI 671x and NI 673x
Level
Minimum
Maximum
Input low voltage
0 V
0.8 V
Input high voltage
2 V
5 V
Output low voltage (I
out = 5 mA)
0.4 V
Output high voltage (I
out = -3.5 mA)
4.35 V
Maximum Update Rate (NI 671x/673x)
Max Update Rate (NI 6715)
Number of
Using Local
Using Host
Using Local
Using Host
Channels
FIFO (kS/s)1
Memory (kS/s)2
FIFO (kS/s)1
Memory (kS/s)2
1
1,000
1,000
1,000
800
2
1,000
1,000
850
400
3
1,000
1,000
750
266
4
1,000
1,000
650
200
5
1,000
1,000
600
160
6
952
1,000
550
133
7
833
869
510
114
8
740
769
480
100
1These numbers apply to continuous waveform generation, and do not change irrespective of the number of devices
in the system. 2These numbers may change when using more devices or when other CPU or bus activity is taking place.
These specifications are typical at 25 oC unless otherwise stated.
Analog Output
Output Characteristics
Number of channels
NI 6722 ...................................................... 8 voltage outputs
NI 6723 ...................................................... 32 voltage outputs
Resolution......................................................... 13 bits, 1 in 8,192
Max update rate
FIFO buffer size................................................. 2,048 samples
Data transfers .................................................. DMA, interrupts, programmed I/O
DMA modes ..................................................... Scatter gather
Voltage Output
Ranges.............................................................. ±10 V
Output coupling ................................................ DC
Protection ......................................................... Short-circuit to ground
Digital I/O
Number of channels......................................... 8 input/output
Compatibility .................................................... TTL/CMOS
Power-on state ................................................. Input (high-impedance)
Data transfers .................................................. Programmed I/O
Timing I/O
Number of channels
Up/down counter/timers ........................... 2
Frequency scaler........................................ 1
Resolution
Up/down counter/timers ........................... 24 bits
Frequency scaler........................................ 4 bits
Compatibility .................................................... 5 V TTL/CMOS
Digital logic levels
Data transfers
Up/down counter/timers ........................... DMA (scatter-gather), interrupts, programmed I/O
Frequency scaler........................................ Programmed I/O
Digital Trigger
Purpose
Analog Output ........................................... Start trigger, gate, clock
Counter/timers........................................... Source, gate
Source............................................................... PFI <0..9>
Compatibility .................................................... 5 V TTL
Response .......................................................... Rising or falling edge
Specifications – NI 672x
Max Update Rate (kS/s)
Number of Channels
Using Local FIFO1
Using Host PC Memory2
1
800
800
2
714
714
8
476
182
16
333
90.9
24
253
60
32
204
45
1These numbers apply to continuous waveform generation, which allows for the time it takes to reset the FIFO to the
beginning when cycling through it. This additional time is not incurred when using host PC memory for waveform generation.
The max update rate in FIFO mode does not change regardless of the number of devices in the system.
2These results were measured using an NI 6722/6723 device with a 550 MHz Pentium III machine. These numbers may
change when using more devices or when other CPU or bus activity occurs.
Level
Min
Max
Input low voltage
0.0 V
0.8 V
Input high voltage
2.0 V
5.0 V
Output low voltage (Iout = 5 mA)
0.4 V
Output high voltage (Iout = -3.5 mA)
4.35 V
For more detailed specifications, please refer to the product manual.


Similar Part No. - 778705-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7787 ETC2-7787 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
National Instruments Co...
778724-03 NI-778724-03 Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
778749-01 NI-778749-01 Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
778756-01 NI-778756-01 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
778756-02 NI-778756-02 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
More results

Similar Description - 778705-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI673X NI-NI673X Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com