Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

778692-02 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 778692-02
Description  100 MS/s, 16-Bit Arbitrary Waveform Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778692-02 Datasheet(HTML) 1 Page - National Instruments Corporation

  778692-02 Datasheet HTML 1Page - National Instruments Corporation 778692-02 Datasheet HTML 2Page - National Instruments Corporation 778692-02 Datasheet HTML 3Page - National Instruments Corporation 778692-02 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100 MS/s, 16-Bit Arbitrary Waveform Generator
Overview
The NI 5421 is a 100 MS/s arbitrary waveform generator (AWG)
featuring 16-bit resolution and up to 256 MB of onboard memory in a
compact, 1 slot 3U PXI module or PCI board. With this combination of
high resolution and deep memory, you can generate long, precise
aperiodic waveforms, ideal for a range of applications in
communications, consumer electronics, scientific research, automotive,
and military/aerospace. Because the NI 5421 uses the PCI bus, waveforms
can be downloaded up to 280 times faster than with GPIB-based AWGs.
With the NI Synchronization and Memory Core (SMC) architecture of
the NI 5421, you can create stimulus/response systems with digitizers and
digital waveform generator/analyzers or synchronize multiple arbitrary
waveform generators to form a phase-coherent multichannel system.
Analog Output Performance
Because of its 100 MS/s, 16-bit digital-to-analog converter (DAC) and
clean back-end analog design, the NI 5421 has a close-in spurious-
free dynamic range (SFDR) of 91 dBc and an average noise density of
-148 dBm/Hz. These features make it ideal for even the most stringent
frequency-domain applications common in communications.
Depending on your signal and application needs, you can select from
2x, 4x, or 8x interpolation for an effective sampling rate up to
400 MS/s. For demanding time-domain applications, the NI 5421 has
<5% pulse aberration and <1.0 psrms jitter at the analog output.
The analog output path features a 43 MHz 7-pole elliptical analog
filter to suppress undesired high-frequency signal images. You can
also choose from 50 or 75 Ω output impedance and vary the output
attenuation with three digits of accuracy. In addition, you can bypass
the output gain and attenuation by using the direct path. The direct
path excels at intermediate frequency (IF) applications with
passband flatness of ±0.25 dB from 0 to 40 MHz.
Shared Waveform and Instruction Memory
Because the NI 5421 is built on the SMC architecture, it uses the same
physical memory for both waveform data and sequencing
instructions. Traditionally, the instruction memory of AWGs is
physically separate from the waveform data memory and is typically
only a few kB. The limited instruction memory of traditional AWGs
severely limits the maximum number of waveforms that can be
sequenced as well as the overall flexibility of the AWG. The NI 5421
onboard memory of 8, 32, or 256 MB stores data and instructions
together, giving you the flexibility to use as much space as you need
for sequencing instructions. With shared memory, you can use the
memory space for very long sequences with small waveforms, short
sequences with very large waveforms, or a balance in between.
•1 analog output channel
• 16-bit resolution, 100 MS/s
sampling rate
• 400 MS/s maximum effective
sampling rate with interpolation
• 43 MHz analog bandwidth
• 12 Vp-p into 50 Ω load
• 91 dBc close-in SFDR at 10 MHz
• -67 dBc THD at 10 MHz
• -148 dBm/Hz average noise density
•8, 32, or 256 MB of onboard memory
•Optional 16-bit LVDS digital
pattern output
Operating Systems
•Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
•Measurement Studio
•Analog Waveform Editor
•Digital Waveform Editor
Other Compatible Software
•Visual Basic
•Visual C/C++
Application Software
•Analog Waveform Editor
(32 and 256 MB models only)
Driver Software (included)
• NI-FGEN
Calibration Certificate Included
NI 5421
NEW
Figure 1. Power Spectrum of a 10 MHz Sine Wave Output from the PXI-5421


Similar Part No. - 778692-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7786 ETC2-7786 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
Littelfuse
7786-03 LITTELFUSE-7786-03 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
ITT Industries
778600201 ITT-778600201 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
778600224 ITT-778600224 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 778692-02

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-5422 NI-PXI-5422 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
logo
List of Unclassifed Man...
TE-5201 ETC2-TE-5201 Datasheet
282Kb / 2P
   100 MS/s Arbitrary Waveform Generator
logo
National Instruments Co...
PXI-5441 NI-PXI-5441 Datasheet
289Kb / 7P
   100 MS/s, 16-bit Arbitrary Waveform Generator with Onboard Signal Processing
PXIE-5442 NI-PXIE-5442 Datasheet
806Kb / 6P
   100 MS/s, 16-Bit Arbitrary Waveform Generator with Onboard Signal Processing
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4075B ETC2-4075B Datasheet
375Kb / 6P
   14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com