Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777459-03 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # 777459-03
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-03 Datasheet(HTML) 2 Page - National Instruments Corporation

  777459-03 Datasheet HTML 1Page - National Instruments Corporation 777459-03 Datasheet HTML 2Page - National Instruments Corporation 777459-03 Datasheet HTML 3Page - National Instruments Corporation 777459-03 Datasheet HTML 4Page - National Instruments Corporation 777459-03 Datasheet HTML 5Page - National Instruments Corporation 777459-03 Datasheet HTML 6Page - National Instruments Corporation 777459-03 Datasheet HTML 7Page - National Instruments Corporation 777459-03 Datasheet HTML 8Page - National Instruments Corporation 777459-03 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SCC Modules
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
SCC Configuration Guide
Signal Types
Module
Number of
Channels
Description
Gain
Signal
Range
Filtering
Isolation
Excitation
Sources
Excitation
Values
Page
SCC-AI0x
2 ISO

Isolation amplifier
0.2
to 200
±50 mV
to ±42 V
10 kHz

9
SCC-AI1x
2 ISO

Isolation amplifier
1.2
±10 V, ±5 V
4 Hz

9
SCC-A10
2 DI

Attenuator
0.1
±60 V

11
SCC-LP01
2 DI

Lowpass filter
0.5
±10 V
25 Hz
12
SCC-LP02
2 DI

Lowpass filter
0.5
±10 V
50 Hz
12
SCC-LP03
2 DI

Lowpass filter
0.5
±10 V
150 Hz
12
SCC-LP04
2 DI

Lowpass filter
0.5
±10 V
1 kHz
12
SCC-FV01
2 RSE


Frequency-to-voltage
1
0 to 100 Hz
13
SCC-TC01
1 DI


Thermocouple input
100
±100 mV
2 Hz
4
SCC-TC02
1 DI


Thermocouple input
100
±100 mV
2 Hz
4
SCC-RTD01
2 DI


RTD input
25
±400 mV
30 Hz
1 current
1 mA
5
SCC-SG01
2 DI



Strain (1⁄4-bridge, 120 Ω)
100
±100 mV
1.6 kHz
1 voltage
2.5 V
6
SCC-SG02
2 DI



Strain (1⁄4-bridge, 350 Ω)
100
±100 mV
1.6 kHz
1 voltage
2.5 V
6
SCC-SG03
2 DI



Strain (1⁄2-bridge )
100
±100 mV
1.6 kHz
1 voltage
2.5 V
6
SCC-SG04
2 DI



Strain (full-bridge)
100
±100 mV
1.6 kHz
1 voltage
2.5 V
6
SCC-SG11
2 DI


Strain shunt calibration
6
SCC-SG24
2 DI


Full bridge input (350 Ω)
100
±100 mV
1.6 kHz
1 voltage
10 V
6
SCC-ACC01
1 DI


IEPE accelerometer input
2
±5 V
19 kHz
1 current
4 mA
8
SCC-CI20
2 DI

Current input
0 to 20 mA
13
SCC-AO10
1 ISO

Isolated voltage output
±10 V

10
SCC-CO20
1 ISO

Isolated current output
0 to 20 mA

14
SCC-DI01
1 ISO

Isolated digital input
±24 VDC

14
SCC-DO01
1 ISO

Isolated digital output
30 VDC

15
SCC-RLY011
1


SPDT Relay
5 A at 30 VDC
250 VAC
15
SCC-CTR01
1 ISO

Isolated counter/timer
0 to 48 VDC

7
SCC-FT01
2 SE/1 DI
Feedthrough
16
1The switching capability of SCC-RLY01 is not 5 A at 250 VAC throughout – it is 5 A at 250 VAC only if it is used with SCC-68, and it is 5 A at 30 VAC if used with SC-2345.
Table 1. SCC Module Selection Guide


Similar Part No. - 777459-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-03

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com