Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

778999-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 778999-01
Description  High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778999-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  778999-01 Datasheet HTML 1Page - National Instruments Corporation 778999-01 Datasheet HTML 2Page - National Instruments Corporation 778999-01 Datasheet HTML 3Page - National Instruments Corporation 778999-01 Datasheet HTML 4Page - National Instruments Corporation 778999-01 Datasheet HTML 5Page - National Instruments Corporation 778999-01 Datasheet HTML 6Page - National Instruments Corporation 778999-01 Datasheet HTML 7Page - National Instruments Corporation 778999-01 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High-Speed Voltage Output – up to
1 MS/s/Channel, up to 16-Bit, up to 32 Channels
Overview and Applications
National Instruments high-speed voltage output modules combine
the latest in PC technologies to deliver simultaneous, multichannel
updates for control and waveform output applications. Use these
modules in a variety of applications, including:
• Stimulus/response
• Power supply control
• High-speed, deterministic control
• Sensor/signal simulation
Features
NI high-speed voltage output devices are versatile devices
that
commonly replace several kinds of instruments including stand-
alone PID controllers, low-speed arbitrary waveform generators, and
function generators.
Waveform Generation
These devices are capable of updating at rates up to 1 MS/s, giving
them the ability to generate waveforms up to 500 kHz. When using
these devices, you have complete control of each data point that is
updated on the output for each channel. This feature is significant
because you can define not only common waveforms such as square,
sine, or sawtooth but also complex waveforms. For instance, you are
able to create a sine wave that is overlaid with noise in which the
amplitude and noiseshape is user-defined. In practice, the waveform
is defined in a software buffer, within PC memory, and is streamed to
the voltage output device using DMA (direct memory access) data
transfers. Using DMA transfers, the amount of memory located
onboard the voltage output device is minimized and is swapped with
inexpensive PC memory.
Real-Time Control
You can use NI high-speed voltage output devices with the LabVIEW
Real-Time Module to deliver real-time, deterministic control loop
execution. Because they are compatible with LabVIEW Real-Time,
common control algorithms, such as PID, are simple to implement
but, more importantly, you may prototype and implement complex
and cutting-edge control algorithms as well. High-performance
control, on the order of 8 PID loops running in excess of 20 kHz
each, is possible with this combination of hardware and software.
Each high-speed voltage output device offers multichannel
simultaneous updates and hardware-timed single-point updates.
Family
Bus
Analog
Outputs
Update Rate
Per Channel (S/s)
1
Output
Resolution
Output
Range (V)
External Voltage
Reference
Digital I/O
Counters/
Timers
Triggering
NI 6711
PCI, PXI
4
1 M
12
±10

8
2, 24-bit
Digital
NI 6713
PCI, PXI
8
740 k to 1 M
12
±10

8
2, 24-bit
Digital
NI 6715
PCMCIA
8
100 k to 1 M
12
±10

8
2, 24-bit
Digital
NI 6731
PCI
4
1 M
16
±10

8
2
2, 24-bit
Digital
NI 6733
PCI, PXI
8
740 k to 1 M
16
±10

8
2
2, 24-bit
Digital
NI 6722
PCI, PXI
8
182 k to 800 k
13
±10
8
2, 24-bit
Digital
NI 6723
PCI, PXI
32
45 k to 800 k
13
±10
8
2, 24-bit
Digital
1Update rate can vary depending on the number of channels used; 2Static or hardware-timed pattern generation and acquisition up to 10 MHz
Table 1. High-Speed Voltage Output Product Selection Guide
NI 673x, NI 671x, NI 672x
• Low-cost arbitrary
waveform generation
• High channel density
• Integrated multidevice
synchronization bus
• Easy real-time control with
LabVIEW Real-Time
• Digital triggering and
external clocking
• Simultaneous updates
• 8 digital I/O lines (TTL/CMOS)
• Two 24-bit counter/timers
• Measurement services that simplify
configuration and measurements
Operating Systems
• Windows 2000/NT/XP
• Mac OS X
• Linux
Recommended Software
• LabVIEW 7.x or higher
• LabWindows/CVI 7.x or higher
• Measurement Studio 7.x or higher
• Analog Waveform Editor
Other Compatible Software
• Visual Studio .NET
• Visual Basic, C/C++, and C#
Measurement Services
Software (included)1
• NI-DAQmx driver
• Measurement & Automation
Explorer configuration utility
1Mac OS X and Linux applications
must use NI-DAQmx Base driver software.
Calibration Certificate Available


Similar Part No. - 778999-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7789 ETC2-7789 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
Littelfuse
7789-02 LITTELFUSE-7789-02 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
778928-01 NI-778928-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
778950-0M NI-778950-0M Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
More results

Similar Description - 778999-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI673X NI-NI673X Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com