Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777459-14 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # 777459-14
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-14 Datasheet(HTML) 7 Page - National Instruments Corporation

Back Button 777459-14 Datasheet HTML 3Page - National Instruments Corporation 777459-14 Datasheet HTML 4Page - National Instruments Corporation 777459-14 Datasheet HTML 5Page - National Instruments Corporation 777459-14 Datasheet HTML 6Page - National Instruments Corporation 777459-14 Datasheet HTML 7Page - National Instruments Corporation 777459-14 Datasheet HTML 8Page - National Instruments Corporation 777459-14 Datasheet HTML 9Page - National Instruments Corporation 777459-14 Datasheet HTML 10Page - National Instruments Corporation 777459-14 Datasheet HTML 11Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NI SCC-CTR01 Counter/Timer Isolation
The National Instruments SCC-CTR01 is an isolated general-purpose
counter/timer module for the SCC platform. This module performs in a
wide variety of counter/timer tasks, including quadrature encoder
measurement, edge counting, frequency measurement, pulse-width-
modulation (PWM) generation, and pulse-train generation.
With optical isolation, the test system and UUT are protected from
transient voltage spikes when the signals are connected to the
SCC-CTR01. The SCC-CTR01 also features short-circuit protection that
disables the outputs if current limits are reached.
Specifications
SCC-CTR01
Number of inputs ................................
2 (CTR_SRC, CTR_GATE)
Number of outputs..............................
1 (CTR_OUT)
Voltage range......................................
0 to 48 VDC
Isolation voltage .................................
60 VDC
Maximum input frequency..................
400 kHz
Minimum pulse width.........................
1 µs
Portable, Modular Signal Conditioning Modules
7
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Model
Channel
Description
Part Number
SCC-CTR01
1
0 to 48 V isolated counter/timer
779474-01


Similar Part No. - 777459-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-14

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com