Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

778054-01 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # 778054-01
Description  Controller Area Network (CAN) Interfaces
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778054-01 Datasheet(HTML) 3 Page - National Instruments Corporation

  778054-01 Datasheet HTML 1Page - National Instruments Corporation 778054-01 Datasheet HTML 2Page - National Instruments Corporation 778054-01 Datasheet HTML 3Page - National Instruments Corporation 778054-01 Datasheet HTML 4Page - National Instruments Corporation 778054-01 Datasheet HTML 5Page - National Instruments Corporation 778054-01 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Controller Area Network (CAN) Interfaces
3
National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
NI-CAN Features in
Measurement & Automation Explorer
Test Panel
You can communicate with a specific CAN channel without
programming using Test Panel, a simple debugging tool to experiment
with CAN channels. Using a graphical interface, the tool reads CAN
data in engineering units and plots or writes to the device.
Bus Monitor
To quickly monitor all CAN bus traffic, use the Bus Monitor, a utility
that provides an easy-to-use interface to view all CAN traffic and log
it to disk. It also provides options to control, display, and view
bus statistics.
NI Spy
NI Spy gives you an easy way to monitor the NI-CAN API calls your
application makes without having to recompile or rebuild. Use it to
verify that your application is working properly, troubleshoot
problems with your application, or verify the communication with
your CAN device. NI Spy dynamically captures and displays all
NI-CAN API calls made by any applications running in the system.
Physical Layer
The CAN physical layer connects the CAN controller to the physical
bus wires. The boards contain the PCI and PXI physical layers. They are
powered internally (from the boards) via a DC-DC converter,
and optically isolated up to 500 V. This isolation protects your
NI-CAN hardware and the PC it is installed in from being damaged by
high-voltage spikes on the CAN bus.
For PCMCIA-CAN cards, the physical layer is implemented inside
the cable. The cables can be powered either internally (from the host
computer) via an onboard DC-DC converter, or externally (from the
CAN bus) via a voltage regulator. PCMCIA-CAN physical layer cables
are included with PCMCIA interfaces.
Connector
PCI-CAN and PXI-846x interfaces have a 9-pin male D-Sub (DB9)
connector for each port. The 9-pin D-Sub connector follows the pinout
recommended by CiA DS 102. Figure 2 shows the 9-pin D-Sub
connector pinout for high-speed and low-speed/fault-tolerant
interfaces. PCMCIA-CAN cables have both a 9-pin male D-Sub and
Combicon-style pluggable screw terminal connector for each port.1
1As shown in Figure 3 on page 4.
Note: See the NI CAN hardware and software reference manual for pinouts for single-wire
and software-selectable interfaces.
CAN Device Simulator
The National Instruments CAN Device Simulator, when
communicating with NI CAN and data acquisition (DAQ) hardware
on a PC, provides a tool to demonstrate the concepts of CAN
communication, DAQ, and CAN/DAQ synchronization.
The NI CAN Device Simulator has a function generator, one high-
speed CAN interface, one high-speed CAN monitor connector, a
68-pin DAQ connector, access to the DAQ interface TRIG1, TRIG2,
and FREQOUT pins, and digital input switches.
Figure 1. NI CAN Device Simulator


Similar Part No. - 778054-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778056-03 NI-778056-03 Datasheet
1Mb / 5P
   Calibration
More results

Similar Description - 778054-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
   controller area network chip
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com