Electronic Components Datasheet Search |
|
184736-03 Datasheet(PDF) 2 Page - National Instruments Corporation |
|
184736-03 Datasheet(HTML) 2 Page - National Instruments Corporation |
2 / 4 page Minithermocouple BNC SMB 9-Pin D-Sub Banana Jack LEMO (B-Series) MIL-Spec Toggle Switch Rocker Switch LED Strain Relief Potentiometer Momentary Switch Blank Figure 1. CA-100 Panelettes Options 2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com Configurable Signal Conditioning Enclosure Interface Panelettes National Instruments also offers interface panelettes, which expand the functionality of the CA-1000. Interface panelettes include traditional interface controls and displays, such as rocker switches, toggle switches, momentary switches, potentiometers, and LEDs. Using interface panelettes, which are mounted alongside I/O panelettes, you can change hardware inputs, trigger events, or verify operational status. Each interface panelette includes lead wires for connection to the screw terminals of the accessory mounted inside the CA-1000. Cabling The cabling needed to connect the CA-1000 to the measurement device depends on the accessories installed in the CA-1000 and the measurement device used. Some accessories installed in the CA-1000 require internal cabling to connect the accessory to the CA-1000 wall. Use Table 1 to determine which cabling components you need, including the cable to your measurement device. The CA-1000 also provides the flexibility of five external interconnection locations, giving convenient cabling for laptop applications by aligning the I/O connector with the location of the PCMCIA slots on laptop computers. With the five external interconnection locations, you can also customize desktop and rack- mount applications for added convenience. Connector Blocks Device SC-204x Series CB-50LP CB-68LPR or SCB-68 68-pin E Series DAQ Devices (except DAQCards) R68M-50F and SH68-68-EP1 N/A SH68-68-EP1 100-pin E Series DAQ Devices3 Applicable for one leg N/A SH1006868 Latching E Series DAQCards R68M-50F and SHC68-68-EP N/A SHC68-68-EP DAQCard-6062E, DAQCard-6024E – – – Nonlatching E Series DAQCards: R68M-50F and PSHR68-68 shielded cable kit 2 N/A PSHR68-68 shielded cable kit2 DAQCard-AI-16E-4, DAQCard-AI-16XE-50 68-pin digital I/O and counter/timer devices (except DAQCards) N/A N/A SH68-68-D1 PCI-DIO-32HS, PXI-6533, AT-DIO-32HS, – – – NI 6534, NI 660x – – – Nonlatching 68-pin digital I/O DAQCards: N/A N/A PSHR68-68-D1 shielded cable kit DAQCard-6533 – – – Simultaneous sampling multifunction DAQ devices N/A N/A SH68-68-EP1 PCI-6503 N/A R5OM-50F and SH50-50 N/A PC-DIO-24 – – – DAQCard-DIO-24 N/A R5OM-50F and PSH27-50F-D1 N/A NI 65273, PCI-DIO-963, PXI-65083, DAQPad-65083 N/A Two R50M-50F and R1005050 4 N/A PC-DIO-963 N/A Two R50M-50F and NB54 N/A 1 You can also use the SH68-68R1-EP or R6868. 2You can also use the PR68-68F. 3You can use two CA-1000 enclosures with one of these devices. Please note: If you are using a NI 435x series data logger, please see Table 2 on page 358 for information on cabling to a CB-68T and CA-1000. 4Splits into two 50-pin connectors. See page 368 for information on using the CA-1000 with analog output products. Table 1. CA-1000 Cabling |
Similar Part No. - 184736-03 |
|
Similar Description - 184736-03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |