Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777459-15 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # 777459-15
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-15 Datasheet(HTML) 4 Page - National Instruments Corporation

  777459-15 Datasheet HTML 1Page - National Instruments Corporation 777459-15 Datasheet HTML 2Page - National Instruments Corporation 777459-15 Datasheet HTML 3Page - National Instruments Corporation 777459-15 Datasheet HTML 4Page - National Instruments Corporation 777459-15 Datasheet HTML 5Page - National Instruments Corporation 777459-15 Datasheet HTML 6Page - National Instruments Corporation 777459-15 Datasheet HTML 7Page - National Instruments Corporation 777459-15 Datasheet HTML 8Page - National Instruments Corporation 777459-15 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
NI SCC-TC Series Thermocouple Input
The National Instruments SCC-TC01 and SCC-TC02 are single-input
modules for conditioning signals from a variety of thermocouple types,
including J, K, T, B, E, N, R, and S, and millivolt inputs with a range of
±100 mV. The NI SCC-TC modules include a 2 Hz lowpass filter, an
instrumentation amplifier with a gain of 100, and buffered outputs for
maximum scanning rates by the multifunction DAQ device. The input
circuitry of the SCC-TC modules also includes high-impedance bias
resistors for open-thermocouple detection as well as handling both
floating and ground-referenced thermocouples. The SCC-TC modules
include an onboard thermistor for cold-junction compensation.
Two versions of the SCC-TC are available. The SCC-TC01 includes a
2-prong uncompensated thermocouple jack that accepts any miniature or
subminiature 2-prong male thermocouple plug. The SCC-TC02 includes a
removable screw-terminal plug that features an additional connection for
grounding thermocouple shields.
Specifications
SCC-TC Series
Typical for 25 °C unless otherwise noted.
Input Characteristics
Number of channels............................
1 differential
Input signals........................................
Thermocouples of type J, K, T, B,
E, N, R, and S, ±100 mV
Input signal gain .................................
100
Maximum input working voltage........
±12 V of chassis ground
Overvoltage protection
to DAQ device.................................
±42 Vpk (powered on or off)
Nonlinearity.........................................
±0.004% maximum
Gain error ............................................
±0.08% of reading, maximum
Input impedance
Normal powered on........................
10 MΩ
Powered off or overload.................
10 kΩ
Open thermocouple detection current
250 nA maximum
Common-mode rejection ratio ............
110 dB minimum
Bandwidth ...........................................
2 Hz, dual-pole RC filter
Offset error..........................................
5 µVrms, referred to input
Stability
Offset temperature coefficient.......
±0.6 µV/°C maximum
Gain temperature coefficient .........
±0.0005%/°C
Cold-junction sensor (thermistor)
Output .............................................
1.91 V (at 0 °C) to 0.58 V
(at 55 °C)
Accuracy (15 to 35 °C)....................
±0.4 °C maximum
Power Requirements
Analog .................................................
60 mW
Portable, Modular Signal Conditioning Modules
Model
Channel
Description
Part Number
SCC-TC01
1
Thermocouple, spade connector
777459-03
SCC-TC02
1
Thermocouple, screw terminals
777459-04


Similar Part No. - 777459-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-15

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com