Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777459-17 Datasheet(PDF) 11 Page - National Instruments Corporation

Part # 777459-17
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-17 Datasheet(HTML) 11 Page - National Instruments Corporation

Back Button 777459-17 Datasheet HTML 7Page - National Instruments Corporation 777459-17 Datasheet HTML 8Page - National Instruments Corporation 777459-17 Datasheet HTML 9Page - National Instruments Corporation 777459-17 Datasheet HTML 10Page - National Instruments Corporation 777459-17 Datasheet HTML 11Page - National Instruments Corporation 777459-17 Datasheet HTML 12Page - National Instruments Corporation 777459-17 Datasheet HTML 13Page - National Instruments Corporation 777459-17 Datasheet HTML 14Page - National Instruments Corporation 777459-17 Datasheet HTML 15Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NI SCC-A10 Voltage Attenuator
The National Instruments SCC-A10 is a dual-channel module that
accepts input voltage sources up to 60 VDC. Each channel of the
NI SCC-A10 includes a 10:1 attenuation circuit and differential
instrumentation amplifier with low-impedance outputs for maximum
scanning rates by the multifunction DAQ device. The attenuation circuit
includes high-impedance bias resistors, so you can connect floating or
ground-referenced inputs to the SCC-A10 without adding external bias
resistors. The SCC-A10 also provides overvoltage protection (up to
250 Vrms) for your DAQ system.
When you install an SCC-A10 module in the SC-2345, the carrier
routes the attenuated input signals to two input channels of the DAQ
device, channels x and x+8, where x is 0 through 7.
Specifications
SCC-A10
Input Characteristics
Number of channels............................
2 differential
Input range ..........................................
±60 VDC
Output range .......................................
±6 VDC
Gain error ............................................
±0.14% of reading, maximum
Offset error..........................................
±6.5 mV maximum (referred
to input)
Input impedance
Normal powered on or off..............
1 MΩ
Full power bandwidth .........................
10 kHz
Power Requirements
Analog .................................................
90 mW
Portable, Modular Signal Conditioning Modules
11
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Model
Channel
Description
Part Number
SCC-A10
2
Attenuator input
777459-06


Similar Part No. - 777459-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-17

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com