Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777387-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 777387-01
Description  Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777387-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  777387-01 Datasheet HTML 1Page - National Instruments Corporation 777387-01 Datasheet HTML 2Page - National Instruments Corporation 777387-01 Datasheet HTML 3Page - National Instruments Corporation 777387-01 Datasheet HTML 4Page - National Instruments Corporation 777387-01 Datasheet HTML 5Page - National Instruments Corporation 777387-01 Datasheet HTML 6Page - National Instruments Corporation 777387-01 Datasheet HTML 7Page - National Instruments Corporation 777387-01 Datasheet HTML 8Page - National Instruments Corporation 777387-01 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
379
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Overview and Applications
NI 6503 devices are 24-bit parallel DIO interfaces for PCI, PCMCIA,
and ISA. NI 6508 devices offer 96-bit parallel DIO interfaces for PCI,
PXI, and ISA. All NI 650x devices are designed for 5 V TTL/CMOS
I/O signals.
Hardware
82C55 Parallel Port Interfaces
NI 650x devices use 82C55 Parallel Port Interfaces (PPIs). NI 6503
devices contain one PPI, and the NI 6508 devices contain four. Each
PPI controls 24 bits of DIO and has three 8-bit ports (A, B, and C). You
can configure each port as either input or output. Ports A and B are
always used for digital data I/O, while port C can be configured for
digital data I/O, control, status, or handshake signals.
Digital I/O Power-Up State Selection
You can power up the PCI-6503, PC-DIO-24, PC-DIO-96, and
PXI-6508 DIO lines in a user-defined state – either high or low. On
these devices, each line is connected to a 100 kΩ resistor, and you can
use a jumper to select whether the lines of the device power up in
the high or low state. The DAQCard-DIO-24 and PCI-DIO-96 have
100 kΩ resistors that always pull high.
Digital I/O Connector
Digital connectors for the NI 650x devices are described in Table 2.
The eight bits in Port A of each PPI are at xPA7 through xPA0 on the
digital I/O connector where x represents which PPI is being used. Ports B
and C are at xPB7 through xPB0 and xPC7 through xPC0, respectively.
Each port is programmed to be input or output. Power from the
computer I/O channel is also available on the DIO connector. See page
381 to learn more about connectivity solutions, including direct
connectors, electromechanical relay devices, and other signal
conditioning solutions.
• 24 or 96 digital input/output lines
•5 V TTL/CMOS
• 2-wire handshaking capability
•Known power-up states
• NI-DAQ driver simplifies
configuration and measurements
Models
•NI PCI-6503
• NI DAQCard-DIO-24
• NI PC-DIO-24
• NI PCI-DIO-96
• NI PXI-6508
• NI PC-DIO-96
Operating Systems
•Windows 2000/NT/XP
•Real-time performance with
LabVIEW (see page 134)
•Others such as Linux and
Mac OS X (see page 187)
Recommended Software
• LabVIEW
• LabWindows/CVI
•Measurement Studio
Other Compatible Software
•Visual Basic
• C/C++, C#
Driver Software (included)
• NI-DAQ 7
NI 650x
Family
Bus
Digital I/O Lines
Device Type
Logic Level
Isolation
Handshaking I/O
8255 Chipset
Change Notification
Pattern Matching
NI 6503
PCI
24
Software timed
5 V TTL/CMOS
1
PCMCIA
ISA
NI 6508
PCI
96
Software timed
5 V TTL/CMOS
1
PXI
1
ISA
1
Handshaking supplied by the 8255; only one handshaking mode is available.
Table 1. NI 650x Specifications Overview (See page 385 for detailed specifications.)
Device
Connector
PCI-6503
50-pin, shown in Figure 3
PC-DIO-24
DAQCard-DIO-24
27-pin; cable adapts it to the 50-pin connector shown in Figure 3
NI 6508
100 pin; shown in Figure 2
Table 2. NI 650x Connector Overview


Similar Part No. - 777387-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7773 ETC2-7773 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
777301 ETC-777301 Datasheet
65Kb / 3P
   Emergency Stop Relays, Safety Gate Monitors
10/03
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
777357-02 NI-777357-02 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
More results

Similar Description - 777387-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
   96-Channel Digital I/O
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
   Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
   96 High-Speed Digital I/O?셲
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
PCI-1753 ADVANTECH-PCI-1753_15 Datasheet
340Kb / 1P
   96-ch Digital I/O PCI Card
logo
National Instruments Co...
NIPXI-6232 NI-NIPXI-6232 Datasheet
604Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
NIPXI-6238 NI-NIPXI-6238 Datasheet
587Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
   I/O TTL INTEGRATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com