Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777387-01 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # 777387-01
Description  Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777387-01 Datasheet(HTML) 3 Page - National Instruments Corporation

  777387-01 Datasheet HTML 1Page - National Instruments Corporation 777387-01 Datasheet HTML 2Page - National Instruments Corporation 777387-01 Datasheet HTML 3Page - National Instruments Corporation 777387-01 Datasheet HTML 4Page - National Instruments Corporation 777387-01 Datasheet HTML 5Page - National Instruments Corporation 777387-01 Datasheet HTML 6Page - National Instruments Corporation 777387-01 Datasheet HTML 7Page - National Instruments Corporation 777387-01 Datasheet HTML 8Page - National Instruments Corporation 777387-01 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Digital I/O Connectivity and Signal Conditioning
381
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Cables, Connector Blocks,
and Signal Conditioning
Choose your Digital I/O cables, connector blocks, and signal
conditioning in two easy steps.
Step 1. Choose your connector block and cable. (see digital I/O
accessories section for details)
Step 2 (Optional). Choose your signal conditioning hardware
and enclosures.
Device
Connector Block
Cables
PCI-6527, PXI-6527
CB-100 Kit
Kit includes R1005050 cable
SCB-100
SH100-100-F
CA-1000, CB-50, CB-50LP
R1005050 (splits into two 50-pin connectors); with this cable,
you can use two accessories from this group with one NI 6527 device
PCI-6503, PC-DIO-24
CA-1000, CB-50, CB-50LP
SH50-50 or NB1
DAQCard-DIO-24
CA-1000, CB-50, CB-50LP
PSH27-50F-D
PCI-DIO-96, PXI-6508
CB-100 Kit
Kit includes R1005050 cable
SCB-100
SH100-100-F
CA-1000, CB-50, CB-50LP
NB5 (Splits into two 50-pin connectors); with this cable,
you can use two accessories from this group with each device.
PC-DIO-96
CB-100 Kit
Kit includes NB5 cable
SCB-100
SH100-100-F
CA-1000, CB-50, CB-50LP
NB5 (Splits into two 50-pin connectors); with this cable,
you can use two accessories from this group with each device.
SCXI Signal Conditioning
SSR Series
SC-206x Device
ER-8, ER-16
CA-1000 Custom
Device
System (Page 270 )
Modules (Page 349 )
(Page 349)
Electromechanical Relays (Page 349 )
Connectivity Enclosure (Page 351)
PCI-6527
PXI-6527
PCI-DIO-96
✓✓
PXI-6508
✓✓
PC-DIO-96
✓✓
PCI-6503
✓✓
PC-DIO-24
✓✓
DAQCard-DIO-24
✓✓


Similar Part No. - 777387-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7773 ETC2-7773 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
777301 ETC-777301 Datasheet
65Kb / 3P
   Emergency Stop Relays, Safety Gate Monitors
10/03
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
777357-02 NI-777357-02 Datasheet
520Kb / 6P
   Controller Area Network (CAN) Interfaces
More results

Similar Description - 777387-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
logo
Keysight Technologies
E1458A KEYSIGHT-E1458A Datasheet
180Kb / 4P
   96-Channel Digital I/O
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
   Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
   Portable digital I/O device / 96 bidirectional I/O channels
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
   96 High-Speed Digital I/O?셲
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
   96-ch Digital I/O PCI Card
PCI-1753 ADVANTECH-PCI-1753_15 Datasheet
340Kb / 1P
   96-ch Digital I/O PCI Card
logo
National Instruments Co...
NIPXI-6232 NI-NIPXI-6232 Datasheet
604Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
NIPXI-6238 NI-NIPXI-6238 Datasheet
587Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
   I/O TTL INTEGRATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com