Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777459-05 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # 777459-05
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-05 Datasheet(HTML) 8 Page - National Instruments Corporation

Back Button 777459-05 Datasheet HTML 4Page - National Instruments Corporation 777459-05 Datasheet HTML 5Page - National Instruments Corporation 777459-05 Datasheet HTML 6Page - National Instruments Corporation 777459-05 Datasheet HTML 7Page - National Instruments Corporation 777459-05 Datasheet HTML 8Page - National Instruments Corporation 777459-05 Datasheet HTML 9Page - National Instruments Corporation 777459-05 Datasheet HTML 10Page - National Instruments Corporation 777459-05 Datasheet HTML 11Page - National Instruments Corporation 777459-05 Datasheet HTML 12Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Portable, Modular Signal Conditioning Modules
8
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
NI SCC-ACC01 Accelerometer Input
The National Instruments SCC-ACC01 is a single-channel module that
accepts Integrated Electronic Piezoelectric (IEPE) compatible sensors
such as accelerometers and microphones. The NI SCC-ACC01 has an
amplifier with a gain of two, a 0.8 Hz highpass filter, and a 19 kHz
3-pole Bessel lowpass filter. The maximum input range is ±5 V. In
addition, this module has a 4 mA current source to power an
accelerometer or microphone.
When you install the SCC-ACC01 into the SC-2345, the carrier routes
the single output voltage to one input channel of the multifunction DAQ
device, channel x, where x is 0 through 7. For example, if installed into
the J1 socket of the SC-2345, the output voltage is routed to input
channel 0 of the DAQ device.
Specifications
SCC-ACC01
Analog Input
Number of input channels ..................
1 differential
Input range ..........................................
±5 VAC (fixed gain of 2)
Input coupling .....................................
AC
-3 dB cutoff frequency....................
0.8 Hz
Filter type ............................................
Lowpass 3-pole Bessel
-3 dB cutoff frequency....................
19 kHz
Passband flatness ...............................
±0.3 dB, 10 Hz to 5 kHz
±1 dB, 5 Hz to 10 kHz
Maximum working voltage
(signal + common mode) ................
Each input should remain within
±12 V of ground
Overvoltage protection .......................
±40 VAC + DC (powered on
or off)
Input impedance .................................
5 MΩ in series with 0.39 µF
(powered on or off)
System noise.......................................
130 µVrms (referred to input)
Transfer Characteristics
Gain ....................................................
2
Gain error ............................................
±1%
Gain-error temperature coefficient.....
±10 ppm/°C
Offset error..........................................
±3 mV (referred to input)
Offset-error temperature coefficient ..
±1.6 µV/°C
Nonlinearity.........................................
10 ppm of full scale
Recommended warm-up time.............
5 minutes
Amplifier Characteristics
CMRR ..................................................
80 dB at 60 Hz
Output range .......................................
±10 V
Excitation
Number of channels............................
1
Constant-current source .....................
4 mA
Maximum voltage level
without losing regulation ...............
24 V
Drift ....................................................
±127 ppm/°C
Environment
Operating temperature .......................
0 to 50 °C
Relative humidity ................................
5 to 90% noncondensing
Power Requirements
Analog .................................................
89 mW
Digital..................................................
420 mW
Model
Channel
Description
Part Number
SCC-ACC01
1
Accelerometer input
777459-19


Similar Part No. - 777459-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-05

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com