Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777687-25 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 777687-25
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777687-25 Datasheet(HTML) 1 Page - National Instruments Corporation

  777687-25 Datasheet HTML 1Page - National Instruments Corporation 777687-25 Datasheet HTML 2Page - National Instruments Corporation 777687-25 Datasheet HTML 3Page - National Instruments Corporation 777687-25 Datasheet HTML 4Page - National Instruments Corporation 777687-25 Datasheet HTML 5Page - National Instruments Corporation 777687-25 Datasheet HTML 6Page - National Instruments Corporation 777687-25 Datasheet HTML 7Page - National Instruments Corporation 777687-25 Datasheet HTML 8Page - National Instruments Corporation 777687-25 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCXI Terminal Blocks
Overview
National Instruments SCXI terminal blocks provide a convenient
method for connecting and disconnecting signals to your system. The
NI SCXI-13xx front-mount terminal blocks feature direct connections
to transducers at the screw terminals located within a fully shielded
enclosure or at front-mounted BNC connectors. Strain-relief clamps hold
the signal wires safely in place. You can also choose either the TC-2095
or BNC-2095 rack-mount terminal blocks for minithermocouple
connectors or BNC connectors. These terminal blocks are ideal
solutions for high-channel-count temperature or voltage applications.
TBX DIN-rail mount terminal blocks are an alternative to the SCXI-13xx
terminal blocks which attach directly to the front of an SCXI module. The
TBX system includes shielded cables that connect the front I/O connector
of an SCXI module to a TBX terminal block.
Some terminal blocks are designed for specific input types, such as
thermocouples, strain gages, and high-voltage inputs. See tables 2, 3,
and 4 to determine which SCXI terminal blocks are compatible with your
SCXI module.
• Terminal blocks for quick,
easy connections
• Strain-relief clamps
for reliable wiring
• Connectivity options including BNC and
thermocouple plugs
• Shielded front-mount
terminal blocks
• Rack and DIN-rail mount options
available
• Terminal block options for specific
measurement types
• Onboard temperature sensor
for cold-junction compensation
• Isothermal construction
for high-accuracy
thermocouple measurements
• High-voltage attenuation
• AC/DC coupling
• Bridge offset nulling,
shunt calibration
• Current inputs
SCXI Terminal Blocks
Terminal Block
Compatible SCXI Modules
Cabling
CJC
Special Features
TBX-1303
SCXI-1100, SCXI-1102, SCXI-1102B/C, SCXI-1181
SH96-96 or R96-96

Open TC detection isothermal construction, selectable ground referencing
TBX-1316
SCXI-1120/D, SCXI-1125, SCXI-1126
SH32-32-A
200:1 attenuation (up to 1,000 VDC)
TBX-1325
SCXI-1124
SH48-48-A
High-voltage 250 VDC
TBX-1326
SCXI-1162, SCXI-1162HV, SCXI-1163, SCXI-1163R
SH48-48-B
High-voltage 250 VDC
TBX-1328
SCXI-1120, SCXI-1120D, SCXI-1121, SCXI-1125, SCXI-1126
SH32-32-A

Sockets for current input resistors, isothermal construction,
high-voltage 250 VDC
TBX-1329
SCXI-1120, SCXI-1120D, SCXI-1121, SCXI-1125, SCXI-1126
SH32-32-A
Selectable AC coupling (rejects up to 250 VDC)
TBX-96
SCXI-1100, SCXI-1102, SCXI-1102B/C
SH96-96 or R96-96
SCXI-1104, SCXI-1181, SCXI-1104C
TBX-24F1
All modules
User-supplied wiring
CB-50
SCXI-1180
NB1
1
The TBX-24F is a general-purpose feedthrough terminal block that you can use with any SCXI module or front mounting terminal blocks.
Table 1. TBX Terminal Block Selection Guide
Figure 1. Terminal Block Configuration


Similar Part No. - 777687-25

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
   Calibration
logo
CommScope Inc.
7776596-0004 COMMSCOPE-7776596-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776596-0006 COMMSCOPE-7776596-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0004 COMMSCOPE-7776597-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0006 COMMSCOPE-7776597-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777687-25

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com