Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777687-34 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # 777687-34
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777687-34 Datasheet(HTML) 3 Page - National Instruments Corporation

  777687-34 Datasheet HTML 1Page - National Instruments Corporation 777687-34 Datasheet HTML 2Page - National Instruments Corporation 777687-34 Datasheet HTML 3Page - National Instruments Corporation 777687-34 Datasheet HTML 4Page - National Instruments Corporation 777687-34 Datasheet HTML 5Page - National Instruments Corporation 777687-34 Datasheet HTML 6Page - National Instruments Corporation 777687-34 Datasheet HTML 7Page - National Instruments Corporation 777687-34 Datasheet HTML 8Page - National Instruments Corporation 777687-34 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SCXI Terminal Blocks
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 3. SCXI-1310 Connector and Shell Assembly
Figure 2. SCXI-1305 Terminal Block
Figure 1. SCXI-1303 Terminal Block
SCXI-1300 ........................................................................................................................777687-00
The SCXI-1300 connects input signals to the SCXI-1100, SCXI-1102/B/C, and SCXI-1104/C
modules. The SCXI-1300 is a general-purpose terminal block with an onboard temperature
sensor for cold-junction compensation. Also works with SCXI-1181 and SCXI-1181K modules.
SCXI-1301 ........................................................................................................................777687-01
20-screw terminal block for the SCXI-1140, SCXI-1181, and SCXI-1181K modules.
SCXI-1302 ........................................................................................................................777687-02
50-screw terminal block for the SCXI-1180 feedthrough panel.
SCXI-1303 (see Figure 1) ................................................................................................777687-03
Terminal block for use with the SCXI-1100 and SCXI-1102/B/C modules. Designed especially for
high-accuracy thermocouple measurements, the SCXI-1303 includes isothermal construction
that minimizes errors caused by thermal gradients between terminals and the cold-junction
sensor. The SCXI-1303 also includes circuitry for open-thermocouple detection as well as
automatic ground referencing for floating (nongrounded) thermocouples.
SCXI-1304 ........................................................................................................................777687-04
The SCXI-1304, for the SCXI-114x modules, includes AC coupling circuitry, with switches on
each channel. Each channel also includes a switchable connection to ground through a 100 k
bias resistor to provide a reference for floating input sources.
SCXI-1305 (see Figure 2) ................................................................................................777687-05
Includes convenient BNC connectors for use with the SCXI-1120/D, SCXI-1121, SCXI-1125,
SCXI-1126, and SCXI-114x. Functionally equivalent to the SCXI-1304 terminal block, the
SCXI-1305 includes switchable AC coupling circuitry and ground referencing on each channel.
SCXI-1306 ........................................................................................................................779698-01
Terminal block for the SCXI-1503 RTD module. Provides 16 pairs of screw terminals for
differential input signals and 16 pairs of screw terminals for current excitation signals. You
can configure each channel for voltage or resistive measurements.
SCXI-1308 ........................................................................................................................777687-08
Current input terminal block for the SCXI-1100 and SCXI-1102/B/C analog input modules. Each
input includes a 249
Ω precision resistor so you can read 0 to 20 mA and 4 to 20 mA current
inputs.
SCXI-1310 (see Figure 3) ................................................................................................777687-10
Connector and shell assembly used to create custom cabling solutions from the SCXI-1100,
SCXI-1102/B/C, SCXI-1104/C, SCXI-114x, and SCXI-1181 to custom terminations. A low-cost
alternative to SCXI terminal blocks, it consists of a hardened plastic enclosure and one
connector with solder pins for signal connections.
SCXI-1313A ....................................................................................................................777687-13
Extends the input range of the SCXI-1125 to 150 Vrms or 150 VDC, on a per-channel basis
programmatically through software commands. The SCXI-1313A also includes an onboard
temperature sensor for thermocouples cold-junction compensation.


Similar Part No. - 777687-34

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
   Calibration
logo
CommScope Inc.
7776596-0004 COMMSCOPE-7776596-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776596-0006 COMMSCOPE-7776596-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0004 COMMSCOPE-7776597-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0006 COMMSCOPE-7776597-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777687-34

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com