Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777687-35 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # 777687-35
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777687-35 Datasheet(HTML) 2 Page - National Instruments Corporation

  777687-35 Datasheet HTML 1Page - National Instruments Corporation 777687-35 Datasheet HTML 2Page - National Instruments Corporation 777687-35 Datasheet HTML 3Page - National Instruments Corporation 777687-35 Datasheet HTML 4Page - National Instruments Corporation 777687-35 Datasheet HTML 5Page - National Instruments Corporation 777687-35 Datasheet HTML 6Page - National Instruments Corporation 777687-35 Datasheet HTML 7Page - National Instruments Corporation 777687-35 Datasheet HTML 8Page - National Instruments Corporation 777687-35 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TBX Terminal Block
Selection Guide
Use the following steps to select the correct combination
of TBX terminal blocks and cables for your SCXI system:
1. Select the required terminal blocks – For each
SCXI module, use table 1 to select the proper TBX
terminal block. If a TBX-13xx terminal block is not
available for your SCXI module, select the appropriate
number of general-purpose TBX-24F feedthrough
terminal blocks.
2. Select cabling – For each TBX terminal block, table
1 lists the cable needed to connect the TBX terminal
block to the SCXI module. Shielded cables are available
in lengths of 1, 2, and 5 m. If using the TBX-1303, you
also have the option to build a custom cable using the
SBS-96F backshell kit. For each TBX-1303 for which you
will build a custom cable, select two SBS-96F kits.
If using the TBX-24F, you will use discrete wires to
connect the TBX-24F to an SCXI front-mounting terminal
block. Therefore, select the appropriate SCXI front-
mounting terminal block for each SCXI module that
will use the TBX-24F.
3. Rack-mount accessory (optional) – If mounting
for 19 in. rack enclosures is needed, use table 2 to select
the appropriate number of TBX-RM1 rack-mount kits.
4. Calibration – Calibration of cold-junction sensors
and attenuation terminal blocks is available for some
devices. For more information, please visit
ni.com/calibration.
SCXI Terminal Blocks
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Module
Terminal Blocks
CJC1 Sensor
Other Terminal Block Functions
SCXI-1100
SCXI-1303 2

Isothermal, signal ground referencing, and open thermocouple detection
SCXI-1102
SCXI-1300 3

SCXI-1102B
SCXI-1308
Current input, 249
Ω resistor across each input
SCXI-1102C
BNC-2095
BNC connectors, signal ground referencing
TC-2095

Thermocouple plugs, signal ground referencing, isothermal
SCXI-1104/C
SCXI-1300
SCXI-1120
SCXI-1305
BNC connectors, AC/DC coupling and ground referencing
SCXI-1120D
SCXI-1320

SCXI-1126
SCXI-1327

Extends signal input range to 300 Vrms, switch configurable per channel
SCXI-1328

Isothermal, high-accuracy design for thermocouples
SCXI-1338

Current input, 249
Ω resistor across each input
SCXI-1125
SCXI-1304/5
BNC connectors, AC/DC coupling and ground referencing
SCXI-1313A

Extends signal input range to 150 Vrms, programmable per channel
SCXI-1320

SCXI-1327

Extends signal input range to 300 Vrms, switch configurable per channel
SCXI-1328

Isothermal, high-accuracy design for thermocouples
SCXI-1338

Current input, 249
Ω resistor across each input
SCXI-1121
SCXI-1320

SCXI-1321

Offset nulling and shunt calibration for strain gages
SCXI-1327

Extends signal input range to 300 Vrms, switch configurable per channel
SCXI-1328

Isothermal, high-accuracy design for thermocouples
SCXI-1305
BNC connectors, AC/DC coupling and signal ground referencing
SCXI-1122
SCXI-1322

SCXI-1124
SCXI-1325
SCXI-1127
SCXI-1331

SCXI-1128
SCXI-1332
Set up an 8 column by 4 row matrix
SCXI-1129
SCXI-1333
Configures SCXI-1129 as quad, 4 x 16 (2-wire) matrix
SCXI-1334
Configures SCXI-1129 as 4 x 64 (2-wire) matrix
SCXI-1335
Configures SCXI-1129 as 8 x 32 (2-wire) matrix
SCXI-1336
Configures SCXI-1129 as 16 x 16 (2-wire) matrix
SCXI-1337
Configures SCXI-1129 as a dual 8 x 16 (2-wire) matrix
SCXI-1339
Configures SCXI-1129 as a dual 4 x 32 (2-wire) matrix
SCXI-1140
SCXI-1301
SCXI-1304
AC/DC coupling and signal ground referencing (configurable per channel)
SCXI-1305
BNC connectors, AC/DC coupling and signal ground referencing
SCXI-1141
SCXI-1304
AC/DC coupling and signal ground referencing (configurable per channel)
SCXI-1142
SCXI-1305
BNC connectors, AC/DC coupling and signal ground referencing
SCXI-1143
SCXI-1301
SCXI-1160
SCXI-1324
SCXI-1161
Screw terminals located in module
SCXI-1162/HV
SCXI-1326
SCXI-1163/R
SCXI-1180
SCXI-1302
50-pin terminal block
SCXI-1181
SCXI-1300

SCXI-1181K
SCXI-1301
SCXI-1503
SCXI-1306

SCXI-1520
SCXI-1314
Quarter-bridge completion/shunt resistor
SCXI-1540
SCXI-1315
SCXI-1581
SCXI-1300
1
Cold-junction compensation (CJC) sensor for thermocouple measurements. 2 Recommended for thermocouples; includes isothermal design and high-precision
CJC sensor. 3 Recommended for RTDs when using both SCXI-1102 and SCXI-1581.
Table 3. SCXI-13xx, TC, and BNC Selection Guide
Table 4. Custom Cabling Accessories
Terminal Block
Width Required (TBX-RM1 Rack-Mount)
TBX-1303
One-half
TBX-1325, TBX-1326, TBX-1328, TBX-1329, TBX-24F, CB-50
One-third
Module
Connector and Shell Assembly
SCXI-1100, SCXI-1102B/C, SCXI-1140, SCXI-1141, SCXI-1181
SCXI-1310
SCXI-1120, SCXI-1120D, SCXI-1121, SCXI-1126, SCXI-1181
SCXI-1330
Table 2. Rack-Mount Widths of TBX Terminal Blocks


Similar Part No. - 777687-35

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
   Calibration
logo
CommScope Inc.
7776596-0004 COMMSCOPE-7776596-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776596-0006 COMMSCOPE-7776596-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0004 COMMSCOPE-7776597-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0006 COMMSCOPE-7776597-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777687-35

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com