Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437558-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1437558-1
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437558-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1437558-1 Datasheet HTML 1Page - Tyco Electronics 2-1437558-1 Datasheet HTML 2Page - Tyco Electronics 2-1437558-1 Datasheet HTML 3Page - Tyco Electronics 2-1437558-1 Datasheet HTML 4Page - Tyco Electronics 2-1437558-1 Datasheet HTML 5Page - Tyco Electronics 2-1437558-1 Datasheet HTML 6Page - Tyco Electronics 2-1437558-1 Datasheet HTML 7Page - Tyco Electronics 2-1437558-1 Datasheet HTML 8Page - Tyco Electronics 2-1437558-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C44
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
3-1437558-6
MTA306DPC 3PDT
3
On None On
3-1437558-8
MTA306EPC 3PDT
7
On Off On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-0
MTA306FPC 3PDT
3
On None (On)
4-1437558-2
MTA306HPC 3PDT
7
On Off (On)
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTA-PC Series
Toggle Switches, MT Series, PC Tail, Long Bat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
MTA106DPC
SPDT
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437558-1
MTA106DPC SPDT
1
On None On
1-1437558-3
MTA106EPC SPDT
5
On Off On
1-1437558-5
MTA106FPC SPDT
1
On None (On)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437558-7
MTA106GPC SPDT
5
(On) Off (On)
1-1437558-9
MTA106HPC SPDT
5
On Off (On)
(On) indicates momentary position.
DPDT/SP3T
MTA206NPC
MTA306DPC
3PDT
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-4
MTA406NPC 4PDT
4
On None On
4-1437558-8
MTA406PPC 4PDT
8
On Off On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-7
MTA406PAPC DP3T
12
On On On
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.485
(12.32)
.315
(8.00)
.492
(12.50)
.157
(4.00)
.030
(0.76) Typ.
.701
(17.81)
.512
(13.00)
.170
(4.32)
.190
(4.83)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437558-1
MTA206NPC DPDT
2
On None On
2-1437558-5
MTA206PPC DPDT
6
On Off On
2-1437558-8
MTA206RPC DPDT
2
On None (On)
3-1437558-1
MTA206SPC DPDT
6
(On) Off (On)
3-1437558-4
MTA206TPC DPDT
6
On Off (On)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437558-4 *MTA206PAPC SP3T
11
On On On
MTA206SAPC SP3T
11
(On) On (On)
(On) indicates momentary position.
* Note: PA types - case .100/(2.50) longer than other types.
4PDT/DP3T
MTA406NPC
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
1/4-40
UNS-2A
.315
(8.0)
.394
(10.0)
.157
(4.00)
.030
(0.76) Typ.
.315
(8.00)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
24˚
.413
(10.49)
.030
(0.76) Typ.
.315
(8.00)
.512
(13.00)
.062
(1.60)
.189
(4.80)
.252
(6.40)
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.170
(4.32)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.413
(10.49)
.315
(8.0)
.394
(10.0)
.157
(4.00)
.030
(0.76) Typ.
.512
(13.00)
.512
(13.00)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.170
(4.32)
.190
(4.83)
Typ.
.
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.413
(10.49)
.315
(8.0)
.492
(12.5)
.157
(4.00)
.030
(0.76) Typ.
.890
(22.60)
.512
(13.00)
.190
(4.83)
Typ.
.170
(4.32)
Typ.
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.57)


Similar Part No. - 2-1437558-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437558-1 MACOM-2-1437558-1 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results

Similar Description - 2-1437558-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com