Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

777508-01 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # 777508-01
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777508-01 Datasheet(HTML) 7 Page - National Instruments Corporation

  777508-01 Datasheet HTML 1Page - National Instruments Corporation 777508-01 Datasheet HTML 2Page - National Instruments Corporation 777508-01 Datasheet HTML 3Page - National Instruments Corporation 777508-01 Datasheet HTML 4Page - National Instruments Corporation 777508-01 Datasheet HTML 5Page - National Instruments Corporation 777508-01 Datasheet HTML 6Page - National Instruments Corporation 777508-01 Datasheet HTML 7Page - National Instruments Corporation 777508-01 Datasheet HTML 8Page - National Instruments Corporation 777508-01 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications
Typical for 25 ˚C unless otherwise noted.
SCXI-13xx
Cold-Junction Sensor
Accuracy and repeatability1
Sensor output for SCXI-1300,
SCXI-1320, SCXI-1321 ....................
±10 mV/˚C
SCXI-1303/1322/1327/1328...........
1.91 V (at 0 ˚C) to 0.58 V
(at 55 ˚C) (thermistor)
Maximum field wire gauge
for SCXI-1300/1302/1303/
1314/1322/1324 .............................
26-16 AWG
1301/1304/1313A/1315/1320/1321/
1325/1327/1328/1331/1332 ..........
26-14 AWG
AC coupling (SCXI-1304
and SCXI-1305) ...............................
The AC coupling circuitry on
each channel has a corner
frequency of 0.16 Hz, rejection
capacity of ±50 VDC, and input
impedance of 2 M
Ω differential,
1 M
Ω common mode
Corner frequency ............................
0.16 Hz 1-pole RC
DC rejection capacity .....................
±50 VDC
Current input SCXI-1308/1338 .......
0 to 20 mA
BNC-2095, TC-2095
Input connectors
BNC-2095........................................
32 BNC connectors
TC-2095...........................................
32 thermocouple plugs,
uncompensated
Output (to SCXI module) .....................
96-pin DIN
Cold-junction sensor (TC-2095)
Output .............................................
1.91 V (0 ˚C) to 0.58 V (55 ˚C)
Accuracy (15 to 35 ˚C)3 ...................
0.5 ˚C for SCXI-1102/B/C
0.65 ˚C for SCXI-1100
Repeatability (15 to 35 ˚C)3 ............
0.35 ˚C for SCXI-1102/B/C
0.5 ˚C for SCXI-1100
Signal referencing
CH+ input ........................................
10 M
Ω to +5 V, user switchable
CH- input.........................................
10 M
Ω or +10 Ω to ground,
user switchable 1-pole RC
Physical
Dimensions..........................................
49.3 by 4.3 by 18.8 cm
(19.0 by 1.7 by 7.4 in.)
TBX Series
Typical for 25˚ C unless otherwise noted.
Maximum working voltage (signal + common mode)
TBX-1316 ........................................
1000 VDC, 680 Vrms
TBX-1325 ........................................
250 Vrms
TBX-1326/1328/1329/24F ..............
300 Vrms
Signal referencing on TBX-1303
CH+ input ........................................
10 M
Ω to +5 V (socketed)
CH- input.........................................
10 M
Ω or 10 Ω to ground
(user configurable, socketed)
Input impedance for TBX-1316
Differential......................................
40 M
Single-ended...................................
20 M
Absolute accuracy for TBX-1316
Gain error........................................
1%
Temperature drift............................
20 ppm/˚C
AC coupling (TBX-1329 only)
Corner frequency ............................
0.072 Hz 1-pole RC
DC rejection capacity .....................
250 VDC
Wire resistance of cables...................
0.21
Ω/m per conductor
Cold-Junction Sensor (TBX-1303 and TBX-1328)
Accuracy and repeatability4
Sensor output......................................
1.91 V (at 0 ˚C) to 0.58 V
(at 55 ˚C) (thermistor)
General
Physical
Compatible DIN rails5 .........................
DIN EN 50 022, DIN EN 50 035
Screw terminal size
TBX-1316 ........................................
26-12 AWG
Others .............................................
26-14 AWG
Dimensions
TBX-13036...........................................
19.7 by 11.2 by 7.62 cm
(7.8 by 4.4 by 3.0 in.)
TBX-1316.............................................
30 by 20 by 8.1 cm
(11.8 by 7.9 by 3.2 in.)
TBX-1325/1326/1328/13296 ..............
12.7 by 11.2 by 7.62 cm
(5.0 by 4.4 by 3.0 in.)
TBX-24F ...............................................
12.4 by 4.3 by 5.1 cm
(4.9 by 1.7 by 2.0 in.)
TBX-96.................................................
19.8 by 12.6 by 6.3 cm
(7.8 by 4.9 by 2.5 in.)
SCXI-13xx, TBX, and BNC/TC Terminal Block Specifications
7
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Accuracy
Terminal Block
15 to 35 ˚C
0 to 15 ˚C and 35 to 55 ˚C
Repeatability
SCXI-1300
1.3 °C
1.3 °C
0.5 °C
SCXI-1303 2
0.5 °C
0.85 °C
0.35 °C
SCXI-1320
1.3 °C
1.3 °C
0.5 °C
SCXI-1321
1.3 °C
1.3 °C
0.5 °C
SCXI-1322
0.8 °C
1.2 °C
0.4 °C
SCXI-1327
0.9 °C
1.3 °C
0.5 °C
SCXI-1328
0.5 °C
0.9 °C
0.2 °C
Accuracy
Terminal Block
15 to 35 ˚C
0 to 15 ˚C and 35 to 55 ˚C
Repeatability
TBX-13033
0.5 ˚C
0.85 ˚C
0.35 ˚C
TBX-1328
0.5 ˚C
0.9 ˚C
0.2 ˚C


Similar Part No. - 777508-01

ManufacturerPart #DatasheetDescription
logo
CommScope Inc.
7775087-00 COMMSCOPE-7775087-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777508-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com