Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-1437558-4 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 6-1437558-4
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1437558-4 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 6-1437558-4 Datasheet HTML 5Page - Tyco Electronics 6-1437558-4 Datasheet HTML 6Page - Tyco Electronics 6-1437558-4 Datasheet HTML 7Page - Tyco Electronics 6-1437558-4 Datasheet HTML 8Page - Tyco Electronics 6-1437558-4 Datasheet HTML 9Page - Tyco Electronics 6-1437558-4 Datasheet HTML 10Page - Tyco Electronics 6-1437558-4 Datasheet HTML 11Page - Tyco Electronics 6-1437558-4 Datasheet HTML 12Page - Tyco Electronics 6-1437558-4 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
C51
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTM-PC Series
Toggle Switches, MT Series, PC Tail, Short Bat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
MTM106DPC
MTM406NPC
4PDT
3PDT
MTM306DPC
DPDT/SP3T
MTM206NPC
.645
(16.38)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
.270
(6.90)
.394
(10.00)
24
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.062
(1.60)
.512
(13.00)
.190
(4.83)
TYP.
.512
(13.00)
.120
(3.05)
DIA.
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
4-1437559-6
MTM106DPC
SPDT
1
On None On
4-1437559-7
MTM106EPC
SPDT
5
On Off On
4-1437559-8
MTM106FPC
SPDT
1
On None (On)
(On) indicates momentary position.
.645
(16.38)
.170
(4.32)
TYP.
.120
(3.05)
DIA.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
.270
(6.90)
.394
(10.00)
24
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.062
(1.60)
.090
(2.28)
.046
(1.17)
.189
(4.80)
.315
(8.00)
.512
(13.00)
.743
(18.87)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.270
(6.90)
.492
(12.50)
24
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.062
(1.60)
.090
(2.28)
.046
(1.17)
.189
(4.80)
.700
(17.78)
.096
(2.20)
TYP.
.512
(13.00)
SPDT
.073
(1.85)
Dia.
Typ.
.190
(4.83)
TYP.
.120
(3.05)
DIA.
.743
(18.87)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.890
(22.60)
.190
(4.83)
TYP.
.512
(13.00)
.270
(6.90)
.492
(12.50)
24
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.062
(1.60)
.090
(2.28)
.046
(1.17)
.189
(4.80)
.120
(3.05)
DIA.
1/4-40 UNS-2A
(0.76)
.062
(1.60)
.090
(2.28)
.046
(1.17)
.189
(4.80)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
5-1437559-3
MTM306DPC 3PDT
3
On None On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
5-1437559-4
MTM406NPC 4PDT
4
On None On
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
4-1437559-9
MTM206NPC
DPDT
2
On None On
5-1437559-2
MTM206SPC
DPDT
6
(On) Off (On)
5-1437559-0
*MTM206PAPC SP3T
11
On On On
(On) indicates momentary position.
.*Note: PA types have case .100/(2.50) longer than other types.


Similar Part No. - 6-1437558-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1437537-0 MACOM-6-1437537-0 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
6-1437537-4 MACOM-6-1437537-4 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
6-1437537-6 MACOM-6-1437537-6 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
6-1437537-9 MACOM-6-1437537-9 Datasheet
939Kb / 4P
   DIP SOCKET 800 SERIES
6-1437577-0 MACOM-6-1437577-0 Datasheet
370Kb / 5P
   Compact Slide Switches
More results

Similar Description - 6-1437558-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com