Electronic Components Datasheet Search |
|
7-1437558-2 Datasheet(PDF) 12 Page - Tyco Electronics |
|
7-1437558-2 Datasheet(HTML) 12 Page - Tyco Electronics |
12 / 14 page C54 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Toggle Accessories Toggle Switches, MT Series, Right Angle, Long or Short Bat Actuator Toggle Switches, Hardware and Accessories STANDARD AND DECORATIVE MOUNTING HARDWARE Fits all miniature toggle and pushbutton switches with 1/4-40 bushings. N1 and N3 nuts are recommended as styling options. "PERFECT FIT" DECORATIVE MOUNTING HARDWARE Use blind threaded nuts for ultimate appearance. Finger tighten until nut rests on ridge - Final tightening with back-up nut. A B A B A B A B N1Ao N40-AG N43-AG N45-AG N1B N1C 11106-AG LW12-AG N35-AG LW5-AG N1-AG N3-AG 10264-00-120 A B A B A B A B N1-AG N2-AG N3-AG N11-AG A B N35-AG C A B LW5-AG N1A N1B N1C N40-AG N43-AG N45-AG Tyco Dim. Electronics Alcoswitch Description Diameter Finish AB 1437628-9 N1A Knurled Nut 1/4-40 Chrome Plate .315 .080 1-1437628-0 N1B Knurled Nut 15/32-32 Bright Nickel .562 .140 1-1437628-1 N1C Knurled Nut 3/8-32 Bright Nickel .469 .093 1-1437628-5 N40-AG Dress Nut 1/4-40 Matte Nickel .375 .120 1-1437628-6 N43-AG Dress Nut 1/4-40 Bright Nickel .375 .120 1-1437628-7 N45-AG Dress Nut 15/32-32 Chrome Plate .630 .170 Tyco Dim. Electronics Alcoswitch Description Diameter Finish ABC 1437628-7 N1-AG Knurled Nut 1/4-40 Bright Nickel .350 .060 1437561-9 10264-00-120 Hex Nut 1/4-40 Bright Nickel .312 .062 1-1437628-3 N3-AG Dress Nut 1/4-40 Bright Nickel .460 .090 1-1437561-2 11106-AG Hex Nut 10-48 Bright Nickel .281 .047 1-1437628-4 N35-AG Dress Nut 15/32-32 Chrome Plate .630 .170 1437628-2 LW1 Int. Tooth Lock Washer 1/4-40 Bright Nickel .406 .024 1437628-5 LW5-AG Locking Ring 1/4" Bright Nickel .200 .086 .032 1437628-3 LW12-AG Lock Washer No. 10 Bright Nickel .315 .035 .035 DPDT MTA8206NVRA Vertical Actuation .512 (13.00) .190 (4.83) TYP .512 (13.00) .047 (1.19) TYP .364 (9.25) .106 (2.69) 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP .413 (10.49) .500 (12.70) 24 o .364 (9.23) .100 (2.54) TYP .500 (12.7) .190 (4.83) TYP .095 (2.40) .200 (5.08) .100 (2.54) .073 (1.85) DIA. TYP. .120 (3.00) DIA .047 (1.19) Tyco Alcoswitch Type Act. Code P. M5 Short Bushing Electronics Toggle 5-1437558-7 MTA8206NVRA DPDT 1 On None On .410 1/4-40 6-1437558-0 MTA8206PVRA DPST 5 On Off On .410 1/4-40 .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) SEE PAGE C52 FOR PRODUCT SPECIFICATIONS |
Similar Part No. - 7-1437558-2 |
|
Similar Description - 7-1437558-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |