Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8802 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8802
Description  ultra low power oscillator with integrated counter for initiating one time password generation
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8802 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8802 Datasheet HTML 1Page - NXP Semiconductors PCA8802 Datasheet HTML 2Page - NXP Semiconductors PCA8802 Datasheet HTML 3Page - NXP Semiconductors PCA8802 Datasheet HTML 4Page - NXP Semiconductors PCA8802 Datasheet HTML 5Page - NXP Semiconductors PCA8802 Datasheet HTML 6Page - NXP Semiconductors PCA8802 Datasheet HTML 7Page - NXP Semiconductors PCA8802 Datasheet HTML 8Page - NXP Semiconductors PCA8802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
2 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
4.
Ordering information
5.
Marking
6.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form
Version
PCA8802CX8/B/1 PCA8802CX wafer level chip-size package; 8 bumps;
1.19
× 1.14 × 0.29 mm
chip with solder bumps in tape
and reel
PCA8802CX
PCA8802U/2AA/1 PCA8802U
wafer level chip-size package; 8 bumps;
1.19
× 1.14 × 0.22 mm
chip with gold bumps in tray
PCA8802U
Table 2.
Marking codes
Type number
Marking code
PCA8802CX8/B/1
PC8802-1
PCA8802U/2AA/1
PC8802-1
Fig 1.
Block diagram
001aaj164
32.768 kHz
OSCILLATOR
DIVIDE 220
1/32 Hz
OSCI
OSCO
reset
SDA
SCL
INT
24-BIT
COUNTER
PULSE
GENERATOR
SERIAL INTERFACE AND
CONTROL REGISTERS
VSS
VDD
TEST


Similar Part No. - PCA8802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8802 NXP-PCA8802 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA8802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
TEKTRONIX, INC.
MCA3000 TEKTRONIX-MCA3000 Datasheet
319Kb / 12P
   Microwave/Counter/Analyzer with Integrated Power
logo
MMD Components
MRT MMD-MRT_13 Datasheet
81Kb / 2P
   SMT LOW POWER REAL TIME OSCILLATOR
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
   Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com