Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6002EJ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG6002EJ
Description  200 mA low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EJ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG6002EJ Datasheet HTML 3Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 4Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 5Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 6Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 7Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 8Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 9Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 10Page - NXP Semiconductors PMEG6002EJ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMEG6002EJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 15 May 2009
7 of 13
NXP Semiconductors
PMEG6002EJ
200 mA low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ = 0.9
(3)
δ = 0.8
(4)
δ = 0.5
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
006aab482
IF(AV) (A)
0.0
0.3
0.2
0.1
0.10
0.05
0.15
0.20
PF(AV)
(W)
0.0
(1)
(2)
(3)
(4)
VR (V)
040
30
10
20
006aab483
0.10
0.05
0.15
0.20
PR(AV)
(W)
0.0
(1)
(2)
(4)
(3)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab484
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab485
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG6002EJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6002EJ NEXPERIA-PMEG6002EJ Datasheet
254Kb / 12P
   60 V, 0.2 A low VF Schottky barrier rectifier
2 January 2023
PMEG6002EJ-Q NEXPERIA-PMEG6002EJ-Q Datasheet
254Kb / 13P
   200 mA low Vf MEGA Schottky barrier rectifier
3 May 2022
More results

Similar Description - PMEG6002EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
   200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4002EJ NXP-PMEG4002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com