Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002EJ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3002EJ
Description  200 mA low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3002EJ Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3002EJ Datasheet HTML 1Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PMEG3002EJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 15 May 2009
4 of 13
NXP Semiconductors
PMEG3002EJ
200 mA low VF MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab476
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
006aab477
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - PMEG3002EJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results

Similar Description - PMEG3002EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
   200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG4002EJ NXP-PMEG4002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com