Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2005CT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005CT Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2005CT Datasheet HTML 1Page - NXP Semiconductors PMEG2005CT Datasheet HTML 2Page - NXP Semiconductors PMEG2005CT Datasheet HTML 3Page - NXP Semiconductors PMEG2005CT Datasheet HTML 4Page - NXP Semiconductors PMEG2005CT Datasheet HTML 5Page - NXP Semiconductors PMEG2005CT Datasheet HTML 6Page - NXP Semiconductors PMEG2005CT Datasheet HTML 7Page - NXP Semiconductors PMEG2005CT Datasheet HTML 8Page - NXP Semiconductors PMEG2005CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PMEG2005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2010
3 of 14
NXP Semiconductors
PMEG2005CT
500 mA low VF dual MEGA Schottky barrier rectifier
[1]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[2]
Tj =25 °C prior to surge.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[5]
Soldering point of cathode tab.
Per device; one diode loaded
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -330
mW
[4] -400
mW
[1] -460
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; one diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
[2] -
-
375
K/W
[3] -
-
310
K/W
[4] -
-
270
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[5] --60
K/W


Similar Part No. - PMEG2005CT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
More results

Similar Description - PMEG2005CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
logo
NXP Semiconductors
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG3005CT NXP-PMEG3005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG4005CT NEXPERIA-PMEG4005CT Datasheet
255Kb / 12P
   500 mA low VF dual MEGA Schottky barrier rectifier
24 September 2019
logo
NXP Semiconductors
PMEG4005CT NXP-PMEG4005CT Datasheet
354Kb / 14P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
Nexperia B.V. All right...
PMEG2005CT NEXPERIA-PMEG2005CT Datasheet
452Kb / 15P
   500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 22 June 2010
logo
NXP Semiconductors
RB521CS30L NXP-RB521CS30L Datasheet
148Kb / 13P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-24 January 2011
RB520CS30L PHILIPS-RB520CS30L Datasheet
709Kb / 14P
   100 mA low VF MEGA Schottky barrier rectifier
Rev. 1-10 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com