Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7144HL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SAA7144HL
Description  Quadruple video input processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7144HL Datasheet(HTML) 1 Page - NXP Semiconductors

  SAA7144HL Datasheet HTML 1Page - NXP Semiconductors SAA7144HL Datasheet HTML 2Page - NXP Semiconductors SAA7144HL Datasheet HTML 3Page - NXP Semiconductors SAA7144HL Datasheet HTML 4Page - NXP Semiconductors SAA7144HL Datasheet HTML 5Page - NXP Semiconductors SAA7144HL Datasheet HTML 6Page - NXP Semiconductors SAA7144HL Datasheet HTML 7Page - NXP Semiconductors SAA7144HL Datasheet HTML 8Page - NXP Semiconductors SAA7144HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1.
General description
The SAA7144HL is a combination of four stand alone multistandard video decoders.
The SAA7144HL is a pure 3.3 V (5 V tolerant inputs and I/Os) CMOS circuit and a highly
integrated circuit for video surveillance applications. All four video decoders are based on
the principle of line-locked clock decoding and are able to decode the color of PAL,
SECAM and NTSC signals into
“CCIR 601” compatible color component values.
The SAA7144HL accepts as analog inputs in total eight CVBS sources from TV or VTR
(two selectable CVBS sources for each of the four decoders).
Each of the four video decoders (A, B, C, D) contains an analog preprocessing circuit
including source selection for two CVBS sources, anti-aliasing filter and Analog-to-Digital
Converter (ADC), an automatic clamp and gain control, a Clock Generation Circuit (CGC),
a digital multistandard decoder (PAL, NTSC and SECAM), a Brightness Contrast
Saturation (BCS) control circuit, a multistandard text slicer see Figure 1 and a 27 MHz
VBI data bypass.
The integrated high performance multistandard data slicer supports several VBI data
standards:
Teletext [WST (World Standard Teletext), CCST (Chinese teletext)] (625 lines)
Teletext [US-WST, NABTS (North American Broadcast Text System) and MOJI
(Japanese teletext)] (525 lines)
Closed caption [Europe, US (line 21)]
Wide Screen Signalling (WSS)
Video Programming Signal (VPS)
Time codes (VITC EBU/SMPTE)
HIGH-speed VBI data bypass for Intercast™ application.
The circuit is I2C-bus controlled via two I2C-bus interfaces where two video decoders
share one I2C-bus interface on different I2C-bus slave addresses. Each of the four video
decoders of the SAA7144HL uses a register mapping which is compatible to the
SAA7113H register mapping.
SAA7144HL
Quadruple video input processor
Rev. 01 — 21 April 2005
Product data sheet


Similar Part No. - SAA7144HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
SAA7140B PHILIPS-SAA7140B Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
More results

Similar Description - SAA7144HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com