Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUML1DG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUML1DG
Description  50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUML1DG Datasheet(HTML) 2 Page - NXP Semiconductors

  PUML1DG Datasheet HTML 1Page - NXP Semiconductors PUML1DG Datasheet HTML 2Page - NXP Semiconductors PUML1DG Datasheet HTML 3Page - NXP Semiconductors PUML1DG Datasheet HTML 4Page - NXP Semiconductors PUML1DG Datasheet HTML 5Page - NXP Semiconductors PUML1DG Datasheet HTML 6Page - NXP Semiconductors PUML1DG Datasheet HTML 7Page - NXP Semiconductors PUML1DG Datasheet HTML 8Page - NXP Semiconductors PUML1DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PUML1_DG_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2008
2 of 12
NXP Semiconductors
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/100 mA NPN RET
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
13
2
4
5
6
65
4
12
3
R2
TR1
TR2
R1
006aab253
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PUML1/DG
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 4.
Marking codes
Type number
Marking code[1]
PUML1/DG
PA*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1 (general-purpose transistor)
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
200
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
100
mA


Similar Part No. - PUML1DG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
PUML1/DG NEXPERIA-PUML1/DG Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
More results

Similar Description - PUML1DG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
1 January 2023
logo
NXP Semiconductors
2PD601ART NXP-2PD601ART Datasheet
92Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
Rev. 01-15 March 2007
logo
Nexperia B.V. All right...
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
   50 V, 100 mA NPN general-purpose transistor
12 January 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
   50 V, 100 mA NPN resistor-equipped transistors
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
   50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com